Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4011 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4011
Description  High Efficiency Standalone Nickel Battery Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4011 Datasheet(HTML) 2 Page - Linear Technology

  LTC4011 Datasheet HTML 1Page - Linear Technology LTC4011 Datasheet HTML 2Page - Linear Technology LTC4011 Datasheet HTML 3Page - Linear Technology LTC4011 Datasheet HTML 4Page - Linear Technology LTC4011 Datasheet HTML 5Page - Linear Technology LTC4011 Datasheet HTML 6Page - Linear Technology LTC4011 Datasheet HTML 7Page - Linear Technology LTC4011 Datasheet HTML 8Page - Linear Technology LTC4011 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC4011
4011p
ORDER PART
NUMBER
(Note 1)
VCC (Input Supply) to GND ....................... –0.3V to 40V
DCIN to GND ............................................ –0.3V to 40V
FAULT, CHRG, VCELL, VCDIV, BAT, TOC
or READY to GND .......................... –0.3V to VCC + 0.3V
SENSE to BAT ...................................................... ±0.3V
CHEM, VTEMP or TIMER to GND .............. –0.3V to 3.5V
PGND to GND ...................................................... ±0.3V
Operating Ambient Temperature Range
(Note 2) .................................................. – 40°C to 85°C
Operating Junction Temperature (Note 3) ........... 125°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
LTC4011EFE
TJMAX = 125°C, θJA = 38°C/W
EXPOSED PAD (PIN 21) IS GND. MUST BE SOLDERED TO
PCB TO OBTAIN SPECIFIED THERMAL RESISTANCE
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
The
indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 12V, BAT = 4.8V, GND = PGND = 0V, unless otherwise noted.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
FE PACKAGE
20-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
DCIN
FAULT
CHRG
CHEM
GND
VRT
VTEMP
VCELL
VCDIV
TIMER
INFET
READY
VCC
TGATE
PGND
BGATE
INTVDD
TOC
BAT
SENSE
21
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Supply
VCC
Input Voltage Range
4.5
34
V
ISHDN
Shutdown Quiescent Current (Note 5)
VCC = BAT = 4.8V
5
10
µA
IQ
Quiescent Current
Waiting to Charge (Pause)
35
mA
ICC
Operating Current
Fast Charge State, No Gate Load
59
mA
VUVLO
Undervoltage Threshold Voltage
VCC Increasing
3.95
4.2
4.45
V
VUV(HYST)
Undervoltage Hysteresis Voltage
170
mV
VSHDNI
Shutdown Threshold Voltage
DCIN – VCC, DCIN Increasing
20
30
42
mV
VSHDND
Shutdown Threshold Voltage
DCIN – VCC, DCIN Decreasing
–45
–25
–15
mV
VCE
Charge Enable Threshold Voltage
VCC – BAT, VCC Increasing
400
510
600
mV
INTVDD Regulator
VDD
Output Voltage
No Load
4.5
5
5.5
V
IDD
Short-Circuit Current (Note 6)
INTVDD = 0V
–100
–50
–28
mA
INTVDD(MIN)
Output Voltage
VCC = 4.5V, IDD = –10mA
3.85
V
Thermistor Termination
VRT
Output Voltage
RL = 10k
3.125
3.3
3.475
V
3.05
3.55
V
IRT
Short-Circuit Current
VRT = 0V
–9
–1
mA
PWM Current Source
VFS
BAT – SENSE Full-Scale Regulation
0.3V < BAT < VCC – 0.3V (Note 5)
95
100
105
mV
Voltage (Fast Charge)
BAT = 4.8V
95
100
105
mV
VPC
BAT – SENSE Precharge Regulation
0.3V < BAT < VCC – 0.3V (Note 5)
16
20
24
mV
Voltage
BAT = 4.8V
16
20
24
mV


Similar Part No. - LTC4011

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4011 LINER-LTC4011 Datasheet
658Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
LTC4011CFE LINER-LTC4011CFE Datasheet
658Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
LTC4011CFEPBF LINER-LTC4011CFEPBF Datasheet
658Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
LTC4011CFETR LINER-LTC4011CFETR Datasheet
658Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
LTC4011CFETRPBF LINER-LTC4011CFETRPBF Datasheet
658Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
More results

Similar Description - LTC4011

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4010 LINEAR-LTC4010 Datasheet
204Kb / 20P
   High Efficiency Standalone Nickel Battery Charger
logo
Linear Technology
LTC4011 LINER-LTC4011_15 Datasheet
663Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
LTC4010 LINER-LTC4010 Datasheet
286Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
LTC4011 LINER-LTC4011_1 Datasheet
658Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
LTC4010 LINER-LTC4010_15 Datasheet
290Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
LTC4007 LINER-LTC4007 Datasheet
241Kb / 20P
   4A, High Efficiency, Standalone Li Battery Charger
LTC4006 LINER-LTC4006 Datasheet
219Kb / 16P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_15 Datasheet
272Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4007 LINER-LTC4007_1 Datasheet
273Kb / 24P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_1 Datasheet
266Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com