Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9091-05-0-11 Datasheet(PDF) 2 Page - Coto Technology

Part # 9091-05-0-11
Description  Miniature SIP Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

9091-05-0-11 Datasheet(HTML) 2 Page - Coto Technology

  9091-05-0-11 Datasheet HTML 1Page - Coto Technology 9091-05-0-11 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
29
For Most Recent Data, Consult the Coto Technology Website: www.cotorelay.com
6 E-mail: info@cotorelay.com
Notes:
1Consult factory for life expectancy at other switching
loads. Resistance >0.5
Ω defines end of life or failure
to open.
2Optional diode is connected to pin #2 (+) and pin
#3(-). Correct coil polarity must be observed.
3Consists of 20V Zener-diode and 1N1002 diode
in series, connected in parallel with coil.
49011 external mag shield. 9012 & 9091 internal mag
shield.
9011, 9012 & 9091 Miniature SIP Relays
Environmental Ratings:
Storage Temp:-35°C to +100°C; Operating Temp:-20°C to +85°C
Solder Temp: 270°C max; 10 sec. max
The operate and release voltage and the coil resistance are
specified at 25°C. These values vary by approximately
0.4%/°C as the ambient temperature varies.
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s
Top View:
Grid = .1"x.1" (2.54mm x 2.54mm)
Model Number
9011
2,4
9012
2,4
9091
2,4
Parameters
Test Conditions
Units
(3 Watt)
4 Pin SIP
(10 Watt)
4 Pin SIP
(10 Watt)
4 Pin SIP
COIL SPECS.
Nom. Coil Voltage
VDC
5
12
5
12
5
12
Max. Coil Voltage
VDC
6.5
15.0
6.5
15.0
6.5
15.0
Coil Resistance
+/- 10%, 25° C
500
750
500
750
500
1000
Operate Voltage
Must Operate by
VDC - Max.
3.75
9.0
3.75
9.0
3.75
9.0
Release Voltage
Must Release by
VDC - Min.
0.4
1.0
0.4
1.0
0.4
1.0
CONTACT RATINGS
Switching Voltage
Max DC/Peak AC Resist.
Volts
100
200
200
Switching Current
Max DC/Peak AC Resist.
Amps
0.250
0.5
0.5
Carry Current
Max DC/Peak AC Resist.
Amps
0.5
1.5
1.5
Contact Rating
Max DC/Peak AC Resist.
Watts
3
10
10
Life Expectancy-Typical
1
Signal Level 1.0V, 10mA
x 10
6 Ops.
250
1000
500
Static Contact
Resistance (max. init.)
50mV, 10mA
0.150
0.120
0.125
Dynamic Contact
Resistance (max. init.)
0.5V, 50mA
at 100 Hz, 1.5 msec
0.200
0.200
0.15
RELAY
SPECIFICATIONS
Insulation Resistance
(minimum)
Between all Isolated Pins
at 100V, 25°C, 40% RH
x 10
12
x 10
12
x 10
12
Capacitance - Typical
Across Open Contacts
pF
0.7
0.7
0.1
Open Contact to Coil
pF
1.4
1.4
2.0
Dielectric Strength
(minimum)
Between Contacts
Contacts to Coil
VDC/peak AC
VDC/peak AC
200
500
300
500
200
1500
Operate Time - including
bounce - Typical
At Nominal Coil Voltage,
30 Hz Square Wave
msec.
0.35
0.35
0.5
Release Time - Typical
Zener-Diode Suppression
3
msec.
0.1
0.1
0.30


Similar Part No. - 9091-05-0-11

ManufacturerPart #DatasheetDescription
logo
Coto Technology
9091-05-00 COTO-9091-05-00 Datasheet
676Kb / 3P
   9011, 9012 9117 MINIATURE SIP RELAYS
9091-05-01 COTO-9091-05-01 Datasheet
676Kb / 3P
   9011, 9012 9117 MINIATURE SIP RELAYS
More results

Similar Description - 9091-05-0-11

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
9011 RHOPOINT-9011 Datasheet
90Kb / 2P
   Miniature SIP Relays
logo
Coto Technology
9091 COTO-9091 Datasheet
464Kb / 2P
   9091 & 9092 MINIATURE SIP RELAYS
9091-05-00 COTO-9091-05-00 Datasheet
676Kb / 3P
   9011, 9012 9117 MINIATURE SIP RELAYS
9012-05-11 COTO-9012-05-11 Datasheet
279Kb / 2P
   9011, 9012 9117 Miniature SIP Relays
9094 COTO-9094 Datasheet
543Kb / 2P
   9094 HIGH POWER MINIATURE SIP REED RELAYS
logo
RHOPOINT COMPONENTS
9001 RHOPOINT-9001 Datasheet
88Kb / 2P
   Molded SIP Reed Relays
logo
List of Unclassifed Man...
SIL4 ETC1-SIL4 Datasheet
609Kb / 7P
   SIP SERIES REED RELAYS
logo
Coto Technology
9001-05-00 COTO-9001-05-00 Datasheet
273Kb / 2P
   Molded SIP Reed Relays
9007-05-00 COTO-9007-05-00 Datasheet
315Kb / 2P
   Spartan SIP Reed Relays
logo
DB Lectro Inc
101R-1A12D2 DBLECTRO-101R-1A12D2 Datasheet
967Kb / 2P
   SIP, DIP REED RELAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com