Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT8980DP1 Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # MT8980DP1
Description  ISO-CMOS ST-BUS Family Digital Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT8980DP1 Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  MT8980DP1 Datasheet HTML 1Page - Zarlink Semiconductor Inc MT8980DP1 Datasheet HTML 2Page - Zarlink Semiconductor Inc MT8980DP1 Datasheet HTML 3Page - Zarlink Semiconductor Inc MT8980DP1 Datasheet HTML 4Page - Zarlink Semiconductor Inc MT8980DP1 Datasheet HTML 5Page - Zarlink Semiconductor Inc MT8980DP1 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT8980DP1 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT8980DP1 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT8980DP1 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MT8980D
Data Sheet
4
Zarlink Semiconductor Inc.
The MT8980 can switch data from channels on ST-BUS inputs to channels on ST-BUS outputs, and simultaneously
allows its controlling microprocessor to read channels on ST-BUS inputs or write to channels on ST-BUS outputs
(Message Mode). To the microprocessor, the MT8980 looks like a memory peripheral. The microprocessor can
write to the MT8980 to establish switched connections between input ST-BUS channels and output ST-BUS
channels, or to transmit messages on output ST-BUS channels. By reading from the MT8980, the microprocessor
can receive messages from ST-BUS input channels or check which switched connections have already been
established.
By integrating both switching and interprocessor communications, the MT8980 allows systems to use distributed
processing and to switch voice or data in an ST-BUS architecture.
Hardware Description
Serial data at 2048 kbit/s is received at the eight ST-BUS inputs (STi0 to STi7), and serial data is transmitted at the
eight ST-BUS outputs (STo0 to STo7). Each serial input accepts 32 channels of digital data, each channel
containing an 8-bit word which may represent a PCM-encoded analog/voice sample as provided by a codec (e.g.,
Zarlink’s MT8964).
This serial input word is converted into parallel data and stored in the 256 X 8 Data Memory. Locations in the Data
Memory are associated with particular channels on particular ST-BUS input streams. These locations can be read
by the microprocessor which controls the chip.
Locations in the Connection Memory, which is split into high and low parts, are associated with particular ST-BUS
output streams. When a channel is due to be transmitted on an ST-BUS output, the data for the channel can either
be switched from an ST-BUS input or it can originate from the microprocessor. If the data is switched from an input,
then the contents of the Connection Memory Low location associated with the output channel is used to address
the Data Memory. This Data Memory address corresponds to the channel on the input ST-BUS stream on which the
data for switching arrived. If the data for the output channel originates from the microprocessor (Message Mode),
then the contents of the Connection Memory Low location associated with the output channel are output directly,
and this data is output repetitively on the channel once every frame until the microprocessor intervenes.
The Connection Memory data is received, via the Control Interface, at D7 to D0. The Control Interface also receives
address information at A5 to A0 and handles the microprocessor control signals CS, DTA, R/W and DS. There are
two parts to any address in the Data Memory or Connection Memory. The higher order bits come from the Control
Register, which may be written to or read from via the Control Interface. The lower order bits come from the address
lines directly.
The Control Register also allows the chip to broadcast messages on all ST-BUS outputs (i.e., to put every channel
into Message Mode), or to split the memory so that reads are from the Data Memory and writes are to the
Connection Memory Low. The Connection Memory High determines whether individual output channels are in
Message Mode, and allows individual output channels to go into a high-impedance state, which enables arrays of
MT8980s to be constructed. It also controls the CSTo pin.
All ST-BUS timing is derived from the two signals C4i and F0i.


Similar Part No. - MT8980DP1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8980DP MITEL-MT8980DP Datasheet
121Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8980DP MITEL-MT8980DP Datasheet
238Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
More results

Similar Description - MT8980DP1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8980D-1 MITEL-MT8980D-1 Datasheet
121Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D-1 MITEL-MT8981D-1 Datasheet
120Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8980D MITEL-MT8980D Datasheet
238Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D MITEL-MT8981D Datasheet
179Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8982 MITEL-MT8982 Datasheet
223Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Small Digital Switch (MiniDX)
MT8982-1 MITEL-MT8982-1 Datasheet
133Kb / 19P
   ISO-CMOS ST-BUS??FAMILY Small Digital Switch (MiniDX)
MT89L80 MITEL-MT89L80 Datasheet
75Kb / 15P
   CMOS ST-BUS??FAMILY Digital Switch
MT89L85 MITEL-MT89L85 Datasheet
134Kb / 20P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT8985 MITEL-MT8985 Datasheet
345Kb / 18P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT90820 MITEL-MT90820 Datasheet
69Kb / 10P
   CMOS ST-BUS??FAMILY Large Digital Switch (LDX)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com