Electronic Components Datasheet Search |
|
IL613-5TR7 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
IL613-5TR7 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 14 page IL610 IL611 IL612 IL613 IL614 2 Absolute Maximum Ratings (1) Parameters Symbol Min. Typ. Max. Units Test Conditions Storage Temperature T S -55 150 °C Ambient Operating Temperature T A -55 125 °C Supply Voltage V DD -0.5 7 V Input Current I IN -25 25 mA Output Voltage V O -0.5 V CC+0.5 V Maximum Output Current I O -10 10 mA ESD 2 kV HBM Recommended Operating Conditions Parameters Symbol Min. Typ. Max. Units Test Conditions Ambient Operating Temperature T A -40 85 °C Supply Voltage V DD 3.0 5.5 V Input Current I IN 0 10 mA Output Current I OUT -4 4 mA Open Drain Reverse Voltage V SD -0.5 V Open Drain Voltage V DS 6.5 V Open Drain Load Current I OD 4 mA Input Signal Rise and Fall Times t IR, tIF 50 ms Common Mode Input Voltage V CM 400 V AC RMS Insulation Specifications Parameters Symbol Min. Typ. Max. Units Test Conditions Creepage Distance (external) MSOP 3.010 mm 0.15’’ SOIC 4.026 mm 0.30’’ SOIC 8.077 mm 0.30’’ PDIP 7.077 mm Internal Isolation Distance 9 µm Leakage Current 0.2 µA RMS 240 V RMS, 60 Hz Barrier Impedance >1014||7 Ω || pF Safety & Approvals IEC61010-1 TUV Certificate Numbers: Approval Pending Classification Model Package Pollution Degree Material Group Max. Working Voltage IL610-1, IL610A-1, IL611-1, IL611A-1 MSOP II III 100 VRMS IL610-2, IL610A-2, IL611-2, IL611A-2, IL612-2, IL612A-2 PDIP II III 300 VRMS IL613, IL614 SOIC (0.3") II III 300 VRMS IL610-3, IL610A-3, IL611-3, IL611A-3, IL612-3, IL612A-3 IL613-3, IL614-3 SOIC (0.15") II III 150 VRMS UL 1577 Component Recognition program. File #: Approval Pending Rated 2500V RMS for 1 minute (SOIC, PDIP), 1000VRMS for 1 minute (MSOP) Electrostatic Discharge Sensitivity This product has been tested for electrostatic sensitivity to the limits stated in the specifications. However, NVE recommends that all integrated circuits be handled with appropriate care to avoid damage. Damage caused by inappropriate handling or storage could range from performance degradation to complete failure. |
Similar Part No. - IL613-5TR7 |
|
Similar Description - IL613-5TR7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |