Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS62LV1288LL-70HI Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS62LV1288LL-70HI
Description  128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62LV1288LL-70HI Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS62LV1288LL-70HI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS62LV1288LL-70HI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS62LV1288LL-70HI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS62LV1288LL-70HI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS62LV1288LL-70HI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62LV1288LL-70HI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62LV1288LL-70HI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62LV1288LL-70HI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62LV1288LL-70HI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
5
Rev. A
03/22/01
IS62LV1288LL
ISSI®
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-45
-55
-70
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tRC
Read Cycle Time
45
55
70
ns
tAA
Address Access Time
45
55
70
ns
tOHA
Output Hold Time
10
10
10
ns
tACE1
CE1 Access Time
45
55
70
ns
tACE2
CE2 Access Time
45
55
70
ns
tDOE
OE Access Time
20
25
35
ns
tLZOE(2)
OE to Low-Z Output
0
5
5
ns
tHZOE(2)
OE to High-Z Output
0
15
0
20
0
25
ns
tLZCE1(2) CE1 to Low-Z Output
5
7
10
ns
tLZCE2(2) CE2 to Low-Z Output
5
7
10
ns
tHZCE(2)
CE1 or CE2 to High-Z Output
0
15
0
20
0
25
ns
Notes:
1. Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.3V, input pulse levels of 0.4V to 2.2V and
output loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0.4V to 2.2V
Input Rise and Fall Times
5 ns
Input and Output Timing
1.3V
and Reference Level
Output Load
See Figures 1 and 2
AC TEST LOADS
Figure 1.
Figure 2.
1213
30 pF
Including
jig and
scope
1378
OUTPUT
3.0V
1213
5 pF
Including
jig and
scope
1378
OUTPUT
3.0V


Similar Part No. - IS62LV1288LL-70HI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10B ISSI-IS62LV12816BLL-10B Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10BI ISSI-IS62LV12816BLL-10BI Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10T ISSI-IS62LV12816BLL-10T Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10TI ISSI-IS62LV12816BLL-10TI Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results

Similar Description - IS62LV1288LL-70HI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV2568LL ISSI-IS62LV2568LL Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV5128LL ISSI-IS62LV5128LL Datasheet
61Kb / 10P
   512K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62LV2568L ICSI-IS62LV2568L Datasheet
455Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IC62LV2568L ICSI-IC62LV2568L Datasheet
133Kb / 10P
   256K x 8 LOW POWER AND LOW Vcc CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com