Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS62LV1288LL-55Q Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS62LV1288LL-55Q
Description  128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62LV1288LL-55Q Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS62LV1288LL-55Q Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS62LV1288LL-55Q Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS62LV1288LL-55Q Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS62LV1288LL-55Q Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS62LV1288LL-55Q Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62LV1288LL-55Q Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62LV1288LL-55Q Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62LV1288LL-55Q Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62LV1288LL-55Q Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. A
03/22/01
IS62LV1288LL
ISSI®
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-45
-55
-70
Symbol Parameter
Test Conditions
Min.
Max.
Min.
Max.
Min.
Max.
Unit
ICC
Vcc Dynamic Operating
VCC = Max.,
CE = VIL
Com.
35
30
25
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
40
35
30
ISB1
TTL Standby Current
VCC = Max.,
Com.
0.4
0.4
0.4
mA
(TTL Inputs)
VIN = VIH or VIL,
CE1
≥ VIH Ind.
1
1
1
or CE2
≤ VIL, f = 0
ISB2
CMOS Standby
VCC = Max., f = 0
Com.
8
8
8µA
Current (CMOS Inputs)
CE1
≥ VCC – 0.2V,
Ind.
10
10
10
CE2
≤ 0.2V,
or VIN
≥ VCC – 0.2V, VIN ≤ 0.2V
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –1.0 mA
2.2
V
VOL
Output LOW Voltage
VCC = Min., IOL = 2.1 mA
0.4
V
VIH
Input HIGH Voltage
2.0
VCC + 0.2
V
VIL
Input LOW Voltage(1)
–0.2
0.4
V
ILI
Input Leakage
GND
≤ VIN ≤ VCC
–11
µA
ILO
Output Leakage
GND
≤ VOUT ≤ VCC
–11
µA
Notes:
1. VIL = –3.0V for pulse width less than 10 ns.


Similar Part No. - IS62LV1288LL-55Q

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10B ISSI-IS62LV12816BLL-10B Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10BI ISSI-IS62LV12816BLL-10BI Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10T ISSI-IS62LV12816BLL-10T Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10TI ISSI-IS62LV12816BLL-10TI Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results

Similar Description - IS62LV1288LL-55Q

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV2568LL ISSI-IS62LV2568LL Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV5128LL ISSI-IS62LV5128LL Datasheet
61Kb / 10P
   512K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62LV2568L ICSI-IS62LV2568L Datasheet
455Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IC62LV2568L ICSI-IC62LV2568L Datasheet
133Kb / 10P
   256K x 8 LOW POWER AND LOW Vcc CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com