Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY57V281620AT-6 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # HY57V281620AT-6
Description  4 Banks x 2M x 16bits Synchronous DRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V281620AT-6 Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button HY57V281620AT-6 Datasheet HTML 2Page - Hynix Semiconductor HY57V281620AT-6 Datasheet HTML 3Page - Hynix Semiconductor HY57V281620AT-6 Datasheet HTML 4Page - Hynix Semiconductor HY57V281620AT-6 Datasheet HTML 5Page - Hynix Semiconductor HY57V281620AT-6 Datasheet HTML 6Page - Hynix Semiconductor HY57V281620AT-6 Datasheet HTML 7Page - Hynix Semiconductor HY57V281620AT-6 Datasheet HTML 8Page - Hynix Semiconductor HY57V281620AT-6 Datasheet HTML 9Page - Hynix Semiconductor HY57V281620AT-6 Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
HY57V281620A
Rev. 1.3/Aug. 01
7
DC CHARACTERISTICS II (TA=0 to 70°C, VDD=3.3
±0.3V, VSS=0V)
Note :
1.IDD1 and IDD4 depend on output loading and cycle rates. Specified values are measured with the output open
2.Min. of tRRC (Refresh RAS cycle time) is shown at AC CHARACTERISTICS II
3.HY57V281620AT-6/7/K/H/8/P/S
4.HY57V281620ALT-6/7/K/H/8/P/S
Parameter
Symbol
Test Condition
Speed
Unit
Note
-6
-7
-K
-H
-8
-P
-S
Operating Current
IDD1
Burst length=1, One bank active
tRC
≥ tRC(min), IOL=0mA
120
120
110
110
100
100
100
mA
1
Precharge Standby Current
in Power Down Mode
IDD2P
CKE
≤ VIL(max), tCK = 15ns
2
mA
IDD2PS
CKE
≤ VIL(max), tCK =
2
Precharge Standby Current
in Non Power Down Mode
IDD2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCK = 15ns
Input signals are changed one time during
2clks. All other pins
≥ VDD-0.2V or ≤ 0.2V
20
mA
IDD2NS
CKE
≥ VIH(min), tCK =
Input signals are stable.
10
Active Standby Current
in Power Down Mode
IDD3P
CKE
≤ VIL(max), tCK = 15ns
7
mA
IDD3PS
CKE
≤ VIL(max), tCK =
7
Active Standby Current
in Non Power Down Mode
IDD3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCK = 15ns
Input signals are changed one time during
2clks. All other pins
≥ VDD-0.2V or ≤ 0.2V
40
mA
IDD3NS
CKE
≥ VIH(min), tCK =
Input signals are stable.
40
Burst Mode Operating
Current
IDD4
tCK
≥ tCK(min), IOL=0mA
All banks active
CL=3
140
130
120
120
110
100
100
mA
1
CL=2
100
100
120
100
100
100
100
Auto Refresh Current
IDD5
tRRC
≥ tRRC(min), All banks active
240
240
240
220
200
200
200
mA
2
Self Refresh Current
IDD6
CKE
≤ 0.2V
2
mA
3
800
uA
4


Similar Part No. - HY57V281620AT-6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V281620ELT HYNIX-HY57V281620ELT Datasheet
126Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
HY57V281620ELT-5 HYNIX-HY57V281620ELT-5 Datasheet
126Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
HY57V281620ELT-6 HYNIX-HY57V281620ELT-6 Datasheet
126Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
HY57V281620ELT-7 HYNIX-HY57V281620ELT-7 Datasheet
126Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
HY57V281620ELT-H HYNIX-HY57V281620ELT-H Datasheet
126Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
More results

Similar Description - HY57V281620AT-6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5V26CF HYNIX-HY5V26CF Datasheet
186Kb / 14P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620HCT HYNIX-HY57V281620HCT Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620HCT-6I HYNIX-HY57V281620HCT-6I Datasheet
82Kb / 11P
   4 Banks x 2M x 16bits Synchronous DRAM
HY5Y2B6DLF-HE HYNIX-HY5Y2B6DLF-HE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
HY5S2B6DLF-SE HYNIX-HY5S2B6DLF-SE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
HY5W2B6DLF-HE HYNIX-HY5W2B6DLF-HE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
logo
Samsung semiconductor
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V64820HG HYNIX-HY57V64820HG Datasheet
134Kb / 11P
   4 Banks x 2M x 8Bit Synchronous DRAM
HY57V64820HGTP HYNIX-HY57V64820HGTP Datasheet
85Kb / 11P
   4 Banks x 2M x 8Bit Synchronous DRAM
logo
Samsung semiconductor
KM48S8030C SAMSUNG-KM48S8030C Datasheet
82Kb / 8P
   2M x 8Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com