Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVS32056Z100030 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LVS32056Z100030
Description  Chip varistor provides high reliability on surface mounting
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LVS32056Z100030 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LVS32056Z100030 Datasheet HTML 1Page - List of Unclassifed Manufacturers LVS32056Z100030 Datasheet HTML 2Page - List of Unclassifed Manufacturers LVS32056Z100030 Datasheet HTML 3Page - List of Unclassifed Manufacturers LVS32056Z100030 Datasheet HTML 4Page - List of Unclassifed Manufacturers LVS32056Z100030 Datasheet HTML 5Page - List of Unclassifed Manufacturers LVS32056Z100030 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Part No.
VW (V)
VB (V)
VC (V)
IP (A)
ET (J)
C (pF)
Part No.
VW (V)
VB (V)
VC (V)
IP (A)
ET (J)
C (pF)
Part No.
VW (V)
VB (V)
VC (V)
IP (A)
ET (J)
C (pF)
Part No.
VW (V)
VB (V)
VC (V)
IP (A)
ET (J)
C (pF)
LVS10056B160...
5.6
7.2˜9.6
16
20
0.05
370
LVS10090B200...
9
10.8˜14.3
20
20
0.05
200
LVS10140B300...
14
16.8˜22.2
30
20
0.05
100
LVS10180B400...
18
21.5˜28.5
40
20
0.05
50
LVS10260B580...
26
30.9˜40.9
58
20
0.05
30
LVS16056C160...
5.6
7.2˜9.6
16
30
0.1
1000
LVS16090C200...
9
10.8˜14.3
20
30
0.1
650
LVS16140C300...
14
16.8˜22.2
30
30
0.1
350
LVS16180C400...
18
21.5˜28.5
40
30
0.1
230
LVS16260C580...
26
30.9˜40.9
58
30
0.1
180
LVS16300C650...
30
35.7˜47.3
65
30
0.1
100
SPECIFICATIONS
1005(0402) size
Part No.
Working
Voltage
(<25
µA)
Breakdown
Voltage
(@ 1mA )
Clamping
Voltage
( 8/20
µS)
Transient
Energy
(10/1000
µS)
Capacitance
(@ 1 kHz)
Peak
Current
( 8/20
µS)
Symbol
VW (V)
VB (V)
VC (V)
IP (A)
ET (J)
C (pF)
1608(0603) size
LVS20056C160...
5.6
7.2˜9.6
16
40
0.1
3000
LVS20090C200...
9
10.8˜14.3
20
40
0.1
1300
LVS20140C300...
14
16.8˜22.2
30
35
0.1
800
LVS20180C400...
18
21.5˜28.5
40
35
0.1
450
LVS20260C580...
26
30.9˜40.9
58
35
0.1
300
LVS20300C650...
30
35.7˜47.3
65
35
0.1
200
2012(0805) size
LVS32056C160...
5.6
7.2˜9.6
16
40
0.1
1800
LVS32090C200...
9
10.8˜14.3
20
40
0.1
1300
LVS32140C300...
14
16.8˜22.2
30
35
0.1
800
LVS32180C400...
18
21.5˜28.5
40
35
0.1
450
LVS32260C580...
26
30.9˜40.9
58
35
0.1
300
LVS32300C650...
30
35.7˜47.3
65
35
0.1
200
LVS32180F400...
18
21.5˜28.5
40
150
0.4
1500
3216(1206) size
* For Automotive Application : Withstand 24.5V DC for 5minutes
Chip Varistor
2
www.rhopointcomponents.com Tel: +44 (0) 870 608 1188 Fax: +44 (0) 870 241 2255
VW = Maximum DC voltage, that is applied continuously in the maximum operating temperature of the device.
VB = Varistor voltage or normal voltage, that is measured at the applied current of 1mA.
VC = Peak voltage appearing across the varistor when measured at the condition of specified pulsed current and waveform.
(8/20µS, 0.1J 2A, 0.05J 1A)
IP = Surge current or peak current, the maximum current without causing device failure measured with specified waveform.( 8/20µS)
ET = Maximum rated transient energy that is dissipated for a single current pulse at a specified impulse duration.( 10/1000µS)
*
* 1MHz
Part No.
Working Voltage
Breakdown Voltage
Clamping Voltage
Peak Current
Transient Energy
Capacitance
LVS10090C200...
9
10.8˜14.3
20
40
0.1
1300
LVS10140C300...
14
16.8˜22.2
30
35
0.1
800
LVS10180C400...
18
21.5˜28.5
40
35
0.1
450
LVS10260C580...
26
30.9˜40.9
58
35
0.1
300
LVS10300C650...
30
35.7˜47.3
65
35
0.1
200
Low Capacitance Series


Similar Part No. - LVS32056Z100030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LVS ETC2-LVS Datasheet
542Kb / 16P
   Sealed Power Inductors
LVS2100N ETC1-LVS2100N Datasheet
148Kb / 5P
   N-Channel PowerJFET
LVS2201N ETC1-LVS2201N Datasheet
138Kb / 5P
   Dual N-Channel PowerJFET
logo
Siemens Semiconductor G...
LVS260-DO SIEMENS-LVS260-DO Datasheet
441Kb / 7P
   SOT-23 MULTILED, Diffused
logo
List of Unclassifed Man...
LVS404012 ETC2-LVS404012 Datasheet
542Kb / 16P
   Sealed Power Inductors
More results

Similar Description - LVS32056Z100030

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DSH104C TOKO-DSH104C Datasheet
56Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
DSH126C TOKO-DSH126C Datasheet
57Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
DH63LCB TOKO-DH63LCB Datasheet
58Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
DH10F TOKO-DH10F Datasheet
85Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
DH124C TOKO-DH124C Datasheet
69Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
DH75C TOKO-DH75C Datasheet
52Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
logo
Level One
IES-0522 LVL1-IES-0522 Datasheet
2Mb / 2P
   Provides wall and desktop mounting
logo
List of Unclassifed Man...
NRC04ZOTRF ETC2-NRC04ZOTRF Datasheet
135Kb / 6P
   METAL GLAZED THICK FILM ON HIGH PURITY ALUMINA SUBSTRATE ..(CERMET) PROVIDES UNIFORM QUALITY AND HIGH RELIABILITY
NRC10ZOTRF ETC2-NRC10ZOTRF Datasheet
135Kb / 6P
   METAL GLAZED THICK FILM ON HIGH PURITY ALUMINA SUBSTRATE ..(CERMET) PROVIDES UNIFORM QUALITY AND HIGH RELIABILITY
logo
Copal Electronics
T2710 COPAL-T2710 Datasheet
197Kb / 2P
   Gold-plated contact provides excellent reliability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com