Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSTVF16859DGG Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SSTVF16859DGG
Description  13-bit 1:2 SSTL_2 registered buffer for DDR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSTVF16859DGG Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SSTVF16859DGG Datasheet HTML 4Page - NXP Semiconductors SSTVF16859DGG Datasheet HTML 5Page - NXP Semiconductors SSTVF16859DGG Datasheet HTML 6Page - NXP Semiconductors SSTVF16859DGG Datasheet HTML 7Page - NXP Semiconductors SSTVF16859DGG Datasheet HTML 8Page - NXP Semiconductors SSTVF16859DGG Datasheet HTML 9Page - NXP Semiconductors SSTVF16859DGG Datasheet HTML 10Page - NXP Semiconductors SSTVF16859DGG Datasheet HTML 11Page - NXP Semiconductors SSTVF16859DGG Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Philips Semiconductors
Product data sheet
SSTVF16859
13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 12
8
DC ELECTRICAL CHARACTERISTICS—PC3200
Over recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = 0 °C to +70 °C
UNIT
MIN
TYP
MAX
VIK
II = –18 mA; VDD = 2.5 V
–1.2
V
VO
HIGH-level output
IOH = –100 µA; VDD = 2.5 V to 2.7 V
VDD – 0.2
V
VOH
voltage
IOH = –16 mA; VDD = 2.5 V
1.95
V
VO
LOW-level output
IOL = 100 µA; VDD = 2.5 to 2.7 V
0.2
V
VOL
voltage
IOL = 16 mA; VDD = 2.5 V
0.35
V
II
All inputs
VI = VDD or GND; VDD = 2.7 V
±5
µA
Static standby
RESET = GND
0.01
IDD
Static operating
RESET = VDD; VI = VIH(AC) or
VIL(AC)
IO = 0, VDD = 2.7 V
45
mA
Dynamic operating –
clock only
RESET = VDD; VI = VIH(AC) or
VIL(AC), CK and CK switching
50% duty cycle.
15
µA/ clock MHz
IDDD
Dynamic operating –
per each data input
RESET = VDD; VI = VIH(AC) or
VIL(AC), CK and CK switching
50% duty cycle. One data input
switching at half clock frequency,
50% duty cycle.
IO = 0, VDD = 2.7 V
9
µA/ clock MHz/
data input
Data inputs
VI = VREF ± 310 mV; VDD = 2.6 V
2.5
2.8
3.5
Ci
CK and CK
VICR = 1.25 V; VI(PP) = 360 mV; VDD = 2.6 V
2.5
3.2
3.5
pF
RESET
VI = VDD or GND; VDD = 2.6 V
2.4
3.5


Similar Part No. - SSTVF16859DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTVF16859DGG PHILIPS-SSTVF16859DGG Datasheet
144Kb / 23P
   13-bit 1 : 2 SSTL_2 registered buffer for DDR
Rev. 02-19 July 2005
More results

Similar Description - SSTVF16859DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTVF16859 PHILIPS-SSTVF16859_05 Datasheet
144Kb / 23P
   13-bit 1 : 2 SSTL_2 registered buffer for DDR
Rev. 02-19 July 2005
SSTVN16859 PHILIPS-SSTVN16859 Datasheet
116Kb / 11P
   13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 15
logo
Renesas Technology Corp
HD74SSTV16859 RENESAS-HD74SSTV16859 Datasheet
3Mb / 11P
   1:2 13-bit SSTL_2 Registered Buffer
logo
NXP Semiconductors
SSTV16859 PHILIPS-SSTV16859 Datasheet
124Kb / 14P
   2.5 V 13-bit to 26-bit SSTL_2 registered buffer for stacked DDR DIMM
2002 Feb 19
logo
Renesas Technology Corp
HD74SSTV16857B RENESAS-HD74SSTV16857B Datasheet
3Mb / 16P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857 RENESAS-HD74SSTV16857 Datasheet
252Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857A RENESAS-HD74SSTV16857A Datasheet
215Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
logo
Texas Instruments
SN74SSTL16857 TI-SN74SSTL16857 Datasheet
93Kb / 7P
[Old version datasheet]   14-BIT SSTL_2 REGISTERED BUFFER
logo
Integrated Circuit Syst...
ICSSSTVA16859B ICST-ICSSSTVA16859B Datasheet
130Kb / 11P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Device Techn...
ICSSSTVA16859C IDT-ICSSSTVA16859C Datasheet
293Kb / 10P
   DDR 13-Bit to 26-Bit Registered Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com