Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1533PLTR Datasheet(PDF) 10 Page - Analog Intergrations Corporation

Part # AIC1533PLTR
Description  Triple-Output LCD Power Supply
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1533PLTR Datasheet(HTML) 10 Page - Analog Intergrations Corporation

Back Button AIC1533PLTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC1533PLTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC1533PLTR Datasheet HTML 8Page - Analog Intergrations Corporation AIC1533PLTR Datasheet HTML 9Page - Analog Intergrations Corporation AIC1533PLTR Datasheet HTML 10Page - Analog Intergrations Corporation AIC1533PLTR Datasheet HTML 11Page - Analog Intergrations Corporation AIC1533PLTR Datasheet HTML 12Page - Analog Intergrations Corporation AIC1533PLTR Datasheet HTML 13Page - Analog Intergrations Corporation AIC1533PLTR Datasheet HTML 14Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AIC1533
10
PIN DESCRIPTIONS
PIN 1: ADJ
- Providing VADJ=1.25V (typ.) for
adjustable VOUT.
PIN 2: OUT
- Adjustable
LDO
regulator
output.
PIN 3: FBP
- Positive charge pump feedback
input.
Regulates
to
1.25V
typical.
PIN 4: SHDN
- Active-Low logic level shutdown
input. Connecting SHDN to VCC
for typical operation.
PIN 5: VCC
- Supply input.
PIN 6: SUPP
- Positive charge pump supply pin.
It monitors negative charge
pump.
PIN 7: SWP
- Positive charge pump driver
output. Output high level is VCC,
and low level is GND.
PIN 8: PGND
- Power ground. Connecting to
GND.
PIN 9: SWN
- Negative charge pump driver
output. Output high level is VCC,
and low level is GND.
PIN 10: TN
- Programmable delay time pin.
The capacitor on this pin sets
negative
charge
pump
to
provide independent time control.
Or TN connects to high level
directly if it is not in use for
programming delay time.
PIN 11: TP
- Programmable delay time pin.
The capacitor on this pin sets
positive charge pump to provide
independent time control. Or TP
connects to high level directly if
it is not in use for programming
delay time.
PIN 12: FBN
- Negative charge pump feedback
input. Regulates to 0V typical.
PIN 13: VREF - Internal
reference
bypass
terminal. Connecting a 0.22
µF
capacitor to ground. Providing a
positive voltage greater than
negative feedback voltage to
obtain a positive voltage for
FBN.
PIN 14: GND
- Ground. Tie GND pin directly to
local ground plane to obtain best
performance.
APPLICATION INFORMATION
Introduction
AIC1533 is composed of dual charge pumps and a
regulator to provide three independent regulated
voltages exclusively designed for thin-film transistor
(TFT) liquid crystal display (LCD) applications. LDO
regulator has an adjustable output voltage with a
low dropout voltage of 500mV at 300mA load
current. Two independent charge pumps regulate a
positive output and a negative output by using a
1MHz
switching
frequency,
and
a
pulse-width-modulation (PWM) architecture.
AIC1533 provides a start-up sequence function with
an adjustable start-up delay time. In shutdown
mode, it only consumes 0.1
µA supply current.
AIC1533 also features an internal current limit and
thermal shutdown protection.
Operation
As Fig. 16 shows, two internal MOSFETs - Q2, Q3,
and external components comprise a positive
charge pump, whose output is three times as much
as input voltage. After delay time, which determined
by CP, Q1 turns on. During on state, which indicates
Q2 is at off stage and Q3 at on stage, CFLY1
connects VCC and PGND and is charged by VCC.


Similar Part No. - AIC1533PLTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AIC1531 ETC2-AIC1531 Datasheet
1Mb / 10P
   500mA Dual Linear Regulator with Internal Power Switch
AIC1531CNTB ETC2-AIC1531CNTB Datasheet
1Mb / 10P
   500mA Dual Linear Regulator with Internal Power Switch
AIC1531CNTR ETC2-AIC1531CNTR Datasheet
1Mb / 10P
   500mA Dual Linear Regulator with Internal Power Switch
AIC1531CSTB ETC2-AIC1531CSTB Datasheet
1Mb / 10P
   500mA Dual Linear Regulator with Internal Power Switch
AIC1531CSTR ETC2-AIC1531CSTR Datasheet
1Mb / 10P
   500mA Dual Linear Regulator with Internal Power Switch
More results

Similar Description - AIC1533PLTR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
   Triple Output Power Supply for TFT-LCD
logo
Maxim Integrated Produc...
MAX1889 MAXIM-MAX1889 Datasheet
796Kb / 32P
   Triple-Output TFT LCD Power Supply with Fault Protection
logo
Linear Technology
LTC3450 LINER-LTC3450_15 Datasheet
196Kb / 12P
   Triple Output Power Supply for Small TFT-LCD Displays
LTC3450 LINER-LTC3450 Datasheet
401Kb / 12P
   Triple Output Power Supply for Small TFT-LCD Displays
logo
Texas Instruments
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
TPS65145 TI-TPS65145 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1_16 Datasheet
592Kb / 26P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65141PWPR TI-TPS65141PWPR Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com