Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5SMC62C Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 1.5SMC62C
Description  1500 W Unidirectional and Bidirectional Surface Mounted Transient Voltage Suppressor Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1.5SMC62C Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  1.5SMC62C Datasheet HTML 1Page - List of Unclassifed Manufacturers 1.5SMC62C Datasheet HTML 2Page - List of Unclassifed Manufacturers 1.5SMC62C Datasheet HTML 3Page - List of Unclassifed Manufacturers 1.5SMC62C Datasheet HTML 4Page - List of Unclassifed Manufacturers 1.5SMC62C Datasheet HTML 5Page - List of Unclassifed Manufacturers 1.5SMC62C Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1.5SMC56C
BKA
5
45.4
50.4
56
61.6
1
80.5
18.6
1.5SMC56CA
BKB
5
47.8
53.2
56
58.8
1
77.0
19.5
1.5SMC62C
BKC
5
50.2
55.8
62
68.2
1
89.0
16.9
1.5SMC62CA
BKD
5
53.0
58.9
62
65.1
1
85.0
17.7
1.5SMC68C
BKE
5
55.1
61.2
68
74.8
1
98.0
15.3
1.5SMC68CA
BKF
5
58.1
64.6
68
71.4
1
92.0
16.3
1.5SMC75C
BKG
5
60.7
67.5
75
82.5
1
108
13.9
1.5SMC75CA
BKH
5
64.1
71.3
75
78.8
1
103
14.6
1.5SMC82C
BKK
5
66.4
73.8
82
90.2
1
118
12.7
1.5SMC82CA
BKL
5
70.1
77.9
82
86.1
1
113
13.3
1.5SMC91C
BKM
5
73.7
81.9
91
100
1
131
11.4
1.5SMC91CA
BKN
5
77.8
86.5
91
95.5
1
125
12
1.5SMC100C
BKP
5
81.0
90.0
100
110
1
144
10.4
1.5SMC100CA
BKR
5
85.5
95.0
100
105
1
137
11
1.5SMC110C
BKS
5
89.2
99.0
110
121
1
158
9.5
1.5SMC110CA
BKT
5
94.0
105
110
116
1
152
9.9
1.5SMC120C
BKU
5
97.2
108
120
132
1
173
8.7
1.5SMC120CA
BKV
5
102
114
120
126
1
165
9.1
1.5SMC130C
BKW
5
105
117
130
143
1
187
8
1.5SMC130CA
BKX
5
111
124
130
137
1
179
8.4
1.5SMC150C
BKY
5
121
135
150
165
1
215
7
1.5SMC150CA
BKZ
5
128
143
150
158
1
207
7.2
1.5SMC160C
BLA
5
130
144
160
176
1
230
6.5
1.5SMC160CA
BLB
5
136
152
160
168
1
219
6.8
1.5SMC170C
BLC
5
138
153
170
187
1
244
6.2
1.5SMC170CA
BLD
5
145
162
170
179
1
234
6.4
1.5SMC180C
BLE
5
146
162
180
198
1
258
5.8
1.5SMC180CA
BLF
5
154
171
180
189
1
246
6.1
1.5SMC200C
BLG
5
162
180
200
220
1
287
5.2
1.5SMC200CA
BLH
5
171
190
200
210
1
274
5.5
1.5SMC220C
BLK
5
175
198
220
242
1
344
4.3
1.5SMC220CA
BLL
5
185
209
220
231
1
328
4.6
1.5SMC6V8...........1.5SMC220A
1.5SMC6V8C......1.5SMC220CA
Type
Maximum Reverse
Leakage Current
at
Bidirectional
(µA)
(V)
Min.
Nom.
Max.
(mA)
(1)
I
RM
I
R
at
(V)
Breakdown Voltage
Max. Clamping Voltage
at
I
pp
V
RM
max. 1ms. Expo.
(V)
(A)
(1) Tested with pulses.
Pulse test: tp
≤ 50 ms; δ < 2%
Marking
Code
Jun - 03
V
BR
V
CL


Similar Part No. - 1.5SMC62C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1.5SMC62C TSC-1.5SMC62C Datasheet
68Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Socay Electornics Co., ...
1.5SMC62CA SOCAY-1.5SMC62CA Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
UN Semiconducctor INC
1.5SMC62CA UNSEMI-1.5SMC62CA Datasheet
3Mb / 7P
   6.8 To 600V 1500W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Central Semiconductor C...
1.5SMC62CA CENTRAL-1.5SMC62CA Datasheet
146Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
Socay Electornics Co., ...
1.5SMC62CA SOCAY-1.5SMC62CA Datasheet
583Kb / 6P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - 1.5SMC62C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BZW06-273 ETC-BZW06-273 Datasheet
66Kb / 4P
   600 W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com