Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV74 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LV74
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LV74 Datasheet(HTML) 2 Page - NXP Semiconductors

  LV74 Datasheet HTML 1Page - NXP Semiconductors LV74 Datasheet HTML 2Page - NXP Semiconductors LV74 Datasheet HTML 3Page - NXP Semiconductors LV74 Datasheet HTML 4Page - NXP Semiconductors LV74 Datasheet HTML 5Page - NXP Semiconductors LV74 Datasheet HTML 6Page - NXP Semiconductors LV74 Datasheet HTML 7Page - NXP Semiconductors LV74 Datasheet HTML 8Page - NXP Semiconductors LV74 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74LV74
Dual D-type flip-flop with set and reset;
positive edge-trigger
2
1998 Apr 20
853-1888 19258
FEATURES
Wide operating voltage: 1.0 to 5.5V
Optimized for Low Voltage applications: 1.0 to 3.6V
Accepts TTL input levels between V
CC = 2.7V and VCC = 3.6V
Typical V
OLP (output ground bounce) t 0.8V @ VCC = 3.3V,
Tamb = 25°C
Typical V
OHV (output VOH undershoot) u 2V @ VCC = 3.3V,
Tamb = 25°C
Output capability: standard
I
CC category: flip-flops
DESCRIPTION
The 74LV74 is a low-voltage Si-gate CMOS device and is pin and
function compatible with 74HC/HCT74.
The 74LV74 is a dual positive edge triggered, D-type flip-flop with
individual data (D) inputs, clock (CP) inputs, set (SD) and (RD)
inputs; also complementary Q and Q outputs.
The set and reset are asynchronous active LOW inputs and operate
independently of the clock input. Information on the data input is
transferred to the Q output on the LOW-to-HIGH transition of the
clock pulse. The D inputs must be stable one set-up time prior to the
LOW-to-HIGH clock transition, for predictable operation.
Schmitt-trigger action in the clock input makes the circuit highly
tolerant to slower clock rise and fall times.
QUICK REFERENCE DATA
GND = 0V; Tamb = 25°C; tr =tf v2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
nCP to nQ, nQ
nSD to nQ, nQ
nRD to nQ, nQ
CL = 15pF
VCC = 3.3V
11
14
14
ns
fmax
Maximum clock frequency
CL = 15pF
VCC = 3.3V
76
MHz
CI
Input capacitance
3.5
pF
CPD
Power dissipation capacitance per flip-flop
Notes 1 and 2
24
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD
VCC2 x fi )S (CL
VCC2
fo) where:
fi = input frequency in MHz; CL = output load capacitance in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
S (CL
VCC2
fo) = sum of the outputs.
2. The condition is VI = GND to VCC
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
14-Pin Plastic DIL
–40
°C to +125°C
74LV74 N
74LV74 N
SOT27-1
14-Pin Plastic SO
–40
°C to +125°C
74LV74 D
74LV74 D
SOT108-1
14-Pin Plastic SSOP Type II
–40
°C to +125°C
74LV74 DB
74LV74 DB
SOT337-1
14-Pin Plastic TSSOP Type I
–40
°C to +125°C
74LV74 PW
74LV74PW DH
SOT402-1
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1, 13
1RD, 2RD
Asynchronous reset-direct input
(active-LOW)
2, 12
1D, 2D
Data inputs
3, 11
1CP, 2CP
Clock input (LOW-to-HIGH),
edge-triggered)
4, 10
1SD, 2SD
Asynchronous set-direct input
(active-LOW)
5, 9
1Q, 2Q
True flip-flop outputs
6, 8
1Q, 2Q
Complement flip-flop outputs
7
GND
Ground (0V)
14
VCC
Positive supply voltage
FUNCTION TABLE
INPUTS
OUTPUTS
SD
RD
CP
D
Q
Q
L
H
L
H
L
L
X
X
X
X
X
X
H
L
H
L
H
H
INPUTS
OUTPUTS
SD
RD
CP
D
Qn+1
Qn+1
H
H
H
H
°
°
L
H
L
H
H
L
H
= HIGH voltage level
L
= LOW voltage level
X
= don’t care
°
= LOW-to-HIGH CP transition
Qn+1 = state after the next LOW-to-HIGH CP transition


Similar Part No. - LV74

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LV74 TI-LV74 Datasheet
137Kb / 7P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Hitachi Semiconductor
LV74 HITACHI-LV74 Datasheet
66Kb / 16P
   Dual D-type Flip Flops with Preset and Clear
logo
Texas Instruments
LV74A TI-LV74A Datasheet
444Kb / 16P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results

Similar Description - LV74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
logo
Nexperia B.V. All right...
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
74LV74-Q100 NEXPERIA-74LV74-Q100 Datasheet
1Mb / 17P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74AHC74-Q100 NEXPERIA-74AHC74-Q100 Datasheet
752Kb / 19P
   Dual D-type flip-flop with set and reset positive-edge trigger
74ABT74 NEXPERIA-74ABT74 Datasheet
227Kb / 13P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
74LVC74A NEXPERIA-74LVC74A Datasheet
266Kb / 16P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 9 - 20 August 2021
logo
NXP Semiconductors
74HC74D-T NXP-74HC74D-T Datasheet
125Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com