Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0833-2X8R-33 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0833-2X8R-33
Description  INTEGRATED CONNECTOR MODULES 2 x n Multi-port Gigabit belStack?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0833-2X8R-33 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0833-2X8R-33 Datasheet HTML 1Page - Bel Fuse Inc. 0833-2X8R-33 Datasheet HTML 2Page - Bel Fuse Inc. 0833-2X8R-33 Datasheet HTML 3Page - Bel Fuse Inc. 0833-2X8R-33 Datasheet HTML 4Page - Bel Fuse Inc. 0833-2X8R-33 Datasheet HTML 5Page - Bel Fuse Inc. 0833-2X8R-33 Datasheet HTML 6Page - Bel Fuse Inc. 0833-2X8R-33 Datasheet HTML 7Page - Bel Fuse Inc. 0833-2X8R-33 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2002 Bel Fuse Inc.
Specifications subject to change without notice. 07.04
BM02832
INTEGRATED CONNECTOR MODULES
2 x n Multi-port Gigabit belStack™
ELECTRICAL SPECIFICATIONS AT 25° C
page 1
Multi-port shielded RJ-45 connector with integrated
Gigabit Ethernet magnetics
Compatible with a variety of Gigabit Ethernet
transceiver ICs and 10/100Base-TX transceiver ICs
Operating temperature 0° to +70° C
Storage temperature -40° to +85° C
Complies with IEEE 802.3ab standards and all Gigabit
Ethernet specifications
Integrated design conserves valuable board space
Minimum interwinding breakdown voltage of 1500 Vrms
Adaptable, modular design provides higher reliability
Available Options
• Various transformer turns ratios
• Various high voltage capacitor values
r
e
b
m
u
N
t
r
a
P
s
s
o
L
n
o
i
t
r
e
s
n
I
x
a
m
B
d
s
s
o
L
n
r
u
t
e
R
n
i
m
B
d
o
t
n
o
m
m
o
C
l
a
i
t
n
e
r
e
f
f
i
D
n
o
i
t
c
e
j
e
R
e
d
o
M
n
i
m
B
d
o
t
n
o
m
m
o
C
e
d
o
M
n
o
m
m
o
C
n
o
i
t
c
e
j
e
R
n
i
m
B
d
k
l
a
t
s
s
o
r
C
n
i
m
B
d
t
o
p
i
H
s
m
r
V
n
i
m
z
H
M
1
.
0
z
H
M
0
0
1
o
t
o
t
z
H
M
0
0
1
z
H
M
5
2
1
z
H
M
5
.
0
z
H
M
0
4
o
t
z
H
M
0
4
z
H
M
0
0
1
o
t
o
t
z
H
K
0
0
1
z
H
M
0
0
1
o
t
z
H
K
0
0
1
z
H
M
0
0
1
3
3
-
R
4
X
2
-
3
3
8
08
.
0
-2
.
1
-8
1
-
g
o
l
0
2
+
2
1
-
)
z
H
M
0
8
/
f
(
5
3
-0
3
-
g
o
l
0
2
+
3
3
-
)
z
H
M
0
0
1
/
f
(
0
0
5
1
3
3
-
R
6
X
2
-
3
3
8
08
.
0
-2
.
1
-8
1
-
g
o
l
0
2
+
2
1
-
)
z
H
M
0
8
/
f
(
5
3
-0
3
-
g
o
l
0
2
+
3
3
-
)
z
H
M
0
0
1
/
f
(
0
0
5
1
3
3
-
R
8
X
2
-
3
3
8
08
.
0
-2
.
1
-8
1
-
g
o
l
0
2
+
2
1
-
)
z
H
M
0
8
/
f
(
5
3
-0
3
-
g
o
l
0
2
+
3
3
-
)
z
H
M
0
0
1
/
f
(
0
0
5
1
4
5
-
R
4
X
2
-
3
3
8
08
.
0
-2
.
1
-8
1
-
g
o
l
0
2
+
2
1
-
)
z
H
M
0
8
/
f
(
5
3
-0
3
-
g
o
l
0
2
+
3
3
-
)
z
H
M
0
0
1
/
f
(
0
0
5
1
4
5
-
R
6
X
2
-
3
3
8
08
.
0
-2
.
1
-8
1
-
g
o
l
0
2
+
2
1
-
)
z
H
M
0
8
/
f
(
5
3
-0
3
-
g
o
l
0
2
+
3
3
-
)
z
H
M
0
0
1
/
f
(
0
0
5
1
4
5
-
R
8
X
2
-
3
3
8
08
.
0
-2
.
1
-8
1
-
g
o
l
0
2
+
2
1
-
)
z
H
M
0
8
/
f
(
5
3
-0
3
-
g
o
l
0
2
+
3
3
-
)
z
H
M
0
0
1
/
f
(
0
0
5
1


Similar Part No. - 0833-2X8R-33

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0833-2X8R-54-F BEL-0833-2X8R-54-F Datasheet
381Kb / 5P
   INTEGRATED CONNECTOR MODULES
0833-2X8R-55 BEL-0833-2X8R-55 Datasheet
258Kb / 5P
   INTEGRATED CONNECTOR MODULES Power over Ethernet MagJack 2 x 8
0833-2X8R-55-F BEL-0833-2X8R-55-F Datasheet
320Kb / 5P
   INTEGRATED CONNECTOR MODULES
0833-2X8R-59 BEL-0833-2X8R-59 Datasheet
263Kb / 5P
   INTEGRATED CONNECTOR MODULES Power over Ethernet MagJack 2 x 8
0833-2X8R-59-F BEL-0833-2X8R-59-F Datasheet
324Kb / 5P
   INTEGRATED CONNECTOR MODULES
More results

Similar Description - 0833-2X8R-33

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0863-2H4R-54 BEL-0863-2H4R-54 Datasheet
327Kb / 8P
   INTEGRATED CONNECTOR MODULES 2 x n Multi-port Gigabit belStack??with LEDs
0843-2B1T-33 BEL-0843-2B1T-33 Datasheet
87Kb / 4P
   INTEGRATED CONNECTOR MODULES Gigabit belStack??with LEDs
0816-1X2T-23 BEL-0816-1X2T-23 Datasheet
222Kb / 4P
   INTEGRATED CONNECTOR MODULES Gigabit Ethernet MagJack 1 x 2
0833-2X1T-33 BEL-0833-2X1T-33 Datasheet
186Kb / 4P
   INTEGRATED CONNECTOR MODULES Gigabit Ethernet MagJack 2 x 1
0811-2X8T-18 BEL-0811-2X8T-18 Datasheet
228Kb / 4P
   INTEGRATED CONNECTOR MODULES BM01815 10/100Base-TX belStack?
C851-2X3R-M9 BEL-C851-2X3R-M9 Datasheet
309Kb / 5P
   INTEGRATED CONNECTOR MODULES Gigabit Ethernet Compressor MagJack 2 x 3
0811-2X6T-18 BEL-0811-2X6T-18 Datasheet
186Kb / 4P
   INTEGRATED CONNECTOR MODULES BM01814 10/100Base-TX belStack?
0875-1G2T-E3 BEL-0875-1G2T-E3 Datasheet
229Kb / 4P
   INTEGRATED CONNECTOR MODULES Gigabit Ethernet MagJack 1 x 2 with LEDs
0845-2R1T-E4 BEL-0845-2R1T-E4 Datasheet
360Kb / 5P
   INTEGRATED CONNECTOR MODULES Gigabit Ethernet MagJack 2 x 1 with LEDs
0863-2X4R-54 BEL-0863-2X4R-54 Datasheet
253Kb / 5P
   INTEGRATED CONNECTOR MODULES Gigabit Ethernet MagJack 2 x 4 with LEDs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com