Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M30610M8A-XXXFP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M30610M8A-XXXFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30610M8A-XXXFP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M30610M8A-XXXFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M30610M8A-XXXFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M30610M8A-XXXFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M30610M8A-XXXFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M30610M8A-XXXFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M30610M8A-XXXFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M30610M8A-XXXFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M30610M8A-XXXFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M30610M8A-XXXFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 197 page
background image
Mitsubishi microcomputers
M16C / 61 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Description
1
------Table of Contents------
Description
The M16C/61 group of single-chip microcomputers are built using the high-performance silicon gate
CMOS process using a M16C/60 Series CPU core and are packaged in a 100-pin plastic molded QFP.
These single-chip microcomputers operate using sophisticated instructions featuring a high level of in-
struction efficiency. With 1M bytes of address space, they are capable of executing instructions at high
speed. They also feature a built-in multiplier and DMAC, making them ideal for controlling office, communi-
cations, industrial equipment, and other high-speed processing applications.
The M16C/61 group includes a wide range of products with different internal memory types and sizes and
various package types.
Features
• Memory capacity ............................................ ROM (See Figure 1.1.4. ROM Expansion)
RAM 4K to 10K bytes
• Shortest instruction execution time ................ 100ns (f(XIN)=10MHZ)
• Supply voltage ............................................... 4.0 to 5.5V (f(XIN)=10MHZ)
2.7 to 5.5V (f(XIN)=7MHZ with software one-wait)
• Low power consumption ................................ 18mW ( f(XIN)=7MHZ, with software one-wait, VCC = 3V)
• Interrupts ........................................................ 20 internal and 5 external interrupt sources, 4 software
interrupt sources; 7 levels (including key input interrupt)
• Multifunction 16-bit timer ................................ 5 output timers + 3 input timers
• Serial I/O (UART or clock synchronous) ........ 3 channels
• DMAC ............................................................ 2 channels (trigger: 16 sources)
• A-D converter ................................................. 10 bits X 8 channels
(Expandable up to 10 channels)
• D-A converter ................................................. 8 bits X 2 channels
• CRC calculation circuit ................................... 1 circuit
• Watchdog timer .............................................. 1 line
• Programmable I/O ......................................... 87 lines
• Input port ........................................................
_______
1 line (P85 shared with NMI pin)
• Memory expansion ........................................ Available (to a maximum of 1M bytes)
• Chip select output .......................................... 4 lines
• Clock generating circuit ................................. 2 built-in clock generation circuits
(built-in feedback resistor, and external ceramic or quartz oscillator)
Applications
Audio, cameras, office equipment, communications equipment, portable equipment
Timer ............................................................. 70
Serial I/O ....................................................... 87
A-D Converter ............................................. 114
D-A Converter ............................................. 124
CRC Calculation Circuit .............................. 126
Programmable I/O Ports ............................. 128
Electrical Characteristics ............................. 142
Central Processing Unit (CPU) ..................... 11
Reset ............................................................. 14
Processor Mode ............................................ 19
Clock Generating Circuit ............................... 30
Protection ...................................................... 39
Interrupts ....................................................... 40
Watchdog Timer ............................................ 59
DMAC ........................................................... 61


Similar Part No. - M30610M8A-XXXFP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M3060C VISHAY-M3060C Datasheet
157Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
M3060C VISHAY-M3060C Datasheet
146Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 13-Aug-13
M3060C VISHAY-M3060C Datasheet
123Kb / 5P
   Dual Common Cathode Schottky Rectifier
08-Feb-17
M3060C-E3/4W VISHAY-M3060C-E3/4W Datasheet
157Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
M3060C VISHAY-M3060C_15 Datasheet
146Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 13-Aug-13
More results

Similar Description - M30610M8A-XXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com