Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST72C124J2B7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST72C124J2B7
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C124J2B7 Datasheet(HTML) 1 Page - STMicroelectronics

  ST72C124J2B7 Datasheet HTML 1Page - STMicroelectronics ST72C124J2B7 Datasheet HTML 2Page - STMicroelectronics ST72C124J2B7 Datasheet HTML 3Page - STMicroelectronics ST72C124J2B7 Datasheet HTML 4Page - STMicroelectronics ST72C124J2B7 Datasheet HTML 5Page - STMicroelectronics ST72C124J2B7 Datasheet HTML 6Page - STMicroelectronics ST72C124J2B7 Datasheet HTML 7Page - STMicroelectronics ST72C124J2B7 Datasheet HTML 8Page - STMicroelectronics ST72C124J2B7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 125 page
background image
Rev. 1.0
September 1999
1/125
This is preliminary information on a new product in development or undergoing evaluation. Details are subject to change without notice.
ST72334J/N,
ST72314J/N, ST72124J
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY,
ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
PRODUCT PREVIEW
s
8K or 16K Program memory
(ROM or Single voltage FLASH)
with read-out protection
s
256-bytes EEPROM Data memory
s
In-Situ Programming (Remote ISP)
s
Enhanced Reset System
s
Low voltage supply supervisor with
3 programmable levels
s
Low consumption resonator or RC oscillators
and by-pass for external clock source, with safe
control capabilities
s
4 Power saving modes
s
Standard Interrupt Controller
s
44 or 32 multifunctional bidirectional I/O lines:
– External interrupt capability (4 vectors)
– 21 or 19 alternate function lines
– 12 or 8 high sink outputs
s
Real time base, Beep and Clock-out capabilities
s
Configurable watchdog reset
s
Two 16-bit timers with:
– 2 input captures (only one on timer A)
– 2 output compares (only one on timer A)
– External clock input on timer A
– PWM and Pulse generator modes
s
SPI synchronous serial interface
s
SCI asynchronous serial interface
s
8-bit ADC with 8 input pins
(6 only on ST72334Jx,
not available on ST72124J2)
s
8-bit data manipulation
s
63 basic instructions
s
17 main addressing modes
s
8 x 8 unsigned multiply instruction
s
True bit manipulation
s
Full hardware/software development package
Device Summary
TQFP44
10x10
PSDIP42
PSDIP56
TQFP64
14 x 14
Features
ST72124J2 ST72314J2 ST72314J4 ST72314N2 ST72314N4 ST72334J2 ST72334J4 ST72334N2 ST72334N4
Program memory - bytes
8K
8K
16K
8K
16K
8K
16K
8K
16K
RAM (stack) - bytes
384 (256)
384 (256)
512 (256)
384 (256)
512 (256)
384 (256)
512 (256)
384 (256)
512 (256)
EEPROM - bytes
-
-
-
--
256
256
256
256
Peripherals
Watchdog,
16-bit Tim-
ers, SPI,
SCI
Watchdog, 16-bit Timers, SPI, SCI, ADC
Operating Supply
3.0V to 5.5V
CPU Frequency
500 kHz to 8 MHz (with 1 to 16 MHz oscillator)
Operating Temperature
-40
°Cto +85°C (-40°C to +105/125°C optional)
Packages
TQFP44 / SDIP42
TQFP64 / SDIP56
TQFP44 / SDIP42
TQFP64 / SDIP56
1


Similar Part No. - ST72C124J2B7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72C124J2 STMICROELECTRONICS-ST72C124J2 Datasheet
3Mb / 150P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
ST72C124J2TA STMICROELECTRONICS-ST72C124J2TA Datasheet
3Mb / 150P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
ST72C124J2TC STMICROELECTRONICS-ST72C124J2TC Datasheet
3Mb / 150P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
More results

Similar Description - ST72C124J2B7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72334XX-AUTO STMICROELECTRONICS-ST72334XX-AUTO Datasheet
3Mb / 150P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
ST72104G STMICROELECTRONICS-ST72104G Datasheet
1Mb / 140P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
ST72104G STMICROELECTRONICS-ST72104G Datasheet
909Kb / 135P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES
February 2000 Rev. 2.2
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
August 2003 Rev. 1.7
ST72260GX STMICROELECTRONICS-ST72260GX Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72104GX-AUTO STMICROELECTRONICS-ST72104GX-AUTO Datasheet
3Mb / 135P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
ST7FOXF1 STMICROELECTRONICS-ST7FOXF1 Datasheet
3Mb / 226P
   8-bit MCU with single voltage Flash memory, SPI, I짼C, ADC, timers
ST7LITEUSX STMICROELECTRONICS-ST7LITEUSX Datasheet
1Mb / 108P
   8-bit MCU with single voltage Flash memory, ADC, timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com