Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2809PTR-2 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2809PTR-2
Description  Economy Primary Side Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2809PTR-2 Datasheet(HTML) 2 Page - Texas Instruments

  UCC2809PTR-2 Datasheet HTML 1Page - Texas Instruments UCC2809PTR-2 Datasheet HTML 2Page - Texas Instruments UCC2809PTR-2 Datasheet HTML 3Page - Texas Instruments UCC2809PTR-2 Datasheet HTML 4Page - Texas Instruments UCC2809PTR-2 Datasheet HTML 5Page - Texas Instruments UCC2809PTR-2 Datasheet HTML 6Page - Texas Instruments UCC2809PTR-2 Datasheet HTML 7Page - Texas Instruments UCC2809PTR-2 Datasheet HTML 8Page - Texas Instruments UCC2809PTR-2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
UCC1809-1/-2
UCC2809-1/-2
UCC3809-1/-2
CONNECTION DIAGRAM
Temperature Range
Available Packages
UCC1809-X
–55°C to +125°C
J
UCC2809-X
–40°C to +85°C
N, D, P, PW
UCC3809-X
0°C to +70°C
N, D, P, PW
ELECTRICAL CHARACTERISTICS: Unless otherwise specified, CVREF = 0.47
mF, VDD = 12V. TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Section
VDD Clamp
IVDD = 10mA
16
17.5
19
V
IVDD
No Load
600
900
µA
IVDD Starting
(Note 1)
110
µA
IVDD Standby
UCCx809-1, VDD = Start Threshold - 300mV
110
125
µA
UCCx809-2, VDD = Start Threshold - 300mV
130
170
µA
Undervoltage Lockout Section
Start Threshold (UCCx809-1)
9.4
10.4
V
UVLO Hysteresis (UCCx809-1)
1.65
V
Start Threshold (UCCx809-2)
14.0
15.6
V
UVLO Hysteresis (UCCx809-2)
6.2
V
Voltage Reference Section
Output Voltage
IREF = 0mA
4.75
5
5.25
V
Line Regulation
VDD = 10V to 15V
2
mV
Load Regulation
IREF = 0mA to 5mA
2
mV
Comparator Section
IFB
Output Off
–100
nA
Comparator Threshold
0.9
0.95
1
V
OUT Propagation Delay (No Load)
VFB = 0.8V to 1.2V at TR = 10ns
50
100
ns
SOIC-8, DIL-8 (Top View)
D, N and J Packages
ABSOLUTE MAXIMUM RATINGS*
VDD ...........................................19V
IVDD.......................................... 25mA
IOUT (tpw < 1µs and Duty Cycle < 10%) ........ –0.4A to 0.8A
RT1, RT2, SS ...................... –0.3V to REF + 0.3V
IREF ......................................... –15mA
Storage Temperature ................... –65°C to +150°C
Junction Temperature ................... –55°C to +150°C
Lead Temperature (Soldering, 10 sec.) ............. +300°C
* Values beyond which damage may occur.
All voltages are with respect to ground unless otherwise stated.
Currents are positive into, negative out of the specified termi-
nal. Consult Packaging Section of Databook for thermal limita-
tions and considerations of packages.
UCC
809
UVLO OPTION
PACKAGE
TEMPERATURE RANGE
ORDERING INFORMATION
FB
SS
RT1
RT2
REF
VDD
OUT
GND
8
7
6
5
1
2
3
4
TSSOP-8 (Top View)
PW Package
FB
2
1
4
3
7
8
5
6
SS
RT1
RT2
REF
VDD
OUT
GND
MSOP-8 (Top View)
P Package


Similar Part No. - UCC2809PTR-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2809PTR-2 TI-UCC2809PTR-2 Datasheet
390Kb / 16P
[Old version datasheet]   Economy Primary Side Controller
UCC2809PTR-2 TI1-UCC2809PTR-2 Datasheet
1Mb / 23P
[Old version datasheet]   Economy Primary Side Controller
UCC2809PTR-2G4 TI-UCC2809PTR-2G4 Datasheet
390Kb / 16P
[Old version datasheet]   Economy Primary Side Controller
More results

Similar Description - UCC2809PTR-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1809-1 TI-UCC1809-1_07 Datasheet
390Kb / 16P
[Old version datasheet]   Economy Primary Side Controller
UCC1809-1 TI1-UCC1809-1_16 Datasheet
1Mb / 23P
[Old version datasheet]   Economy Primary Side Controller
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
   Primary Side PWM Controller
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
   Primary Side PWM Controller
logo
Texas Instruments
UCC2960 TI1-UCC2960_14 Datasheet
215Kb / 14P
[Old version datasheet]   PRIMARY-SIDE STARTUP CONTROLLER
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Texas Instruments
UCC2961 TI1-UCC2961 Datasheet
256Kb / 17P
[Old version datasheet]   ADVANVED PRIMARY-SIDE STARTUP CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com