Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2809-1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2809-1
Description  Economy Primary Side Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2809-1 Datasheet(HTML) 1 Page - Texas Instruments

  UCC2809-1 Datasheet HTML 1Page - Texas Instruments UCC2809-1 Datasheet HTML 2Page - Texas Instruments UCC2809-1 Datasheet HTML 3Page - Texas Instruments UCC2809-1 Datasheet HTML 4Page - Texas Instruments UCC2809-1 Datasheet HTML 5Page - Texas Instruments UCC2809-1 Datasheet HTML 6Page - Texas Instruments UCC2809-1 Datasheet HTML 7Page - Texas Instruments UCC2809-1 Datasheet HTML 8Page - Texas Instruments UCC2809-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UCC1809-1/-2
UCC2809-1/-2
UCC3809-1/-2
SLUS166B - NOVEMBER 1999 - REVISED NOVEMBER 2004
FEATURES
• User Programmable Soft Start With
Active Low Shutdown
• User Programmable Maximum Duty
Cycle
• Accessible 5V Reference
• Undervoltage Lockout
• Operation to 1MHz
• 0.4A Source/0.8A Sink FET Driver
• Low 100µA Startup Current
Economy Primary Side Controller
1
3
2
7
FB
+
+
1V
+
6µA
+5V
0.5V
OSC
4
R
Q
S
+
5V
REF
15/8V
10/8V
VDD
8
REF
CREF
CVDD
5
+
VREF
SS
RT1
RT2
CSS
DISABLE
NOISE
FILTER
SLOPE
COMP
CURRENT
SENSE
FEEDBACK
RSTART
VIN
CLK
PWM
LATCH
UVLO
1V
VOUT
CT
6
17.5V
OUT
GND
TYPICAL APPLICATION DIAGRAM
UDG-99036
DESCRIPTION
The UCC3809 family of BCDMOS economy low power integrated circuits
contains all the control and drive circuitry required for off-line and isolated
DC-to-DC fixed frequency current mode switching power supplies with
minimal external parts count. Internally implemented circuits include
undervoltage lockout featuring startup current less than 100
µA, a user ac-
cessible voltage reference, logic to ensure latched operation, a PWM com-
parator, and a totem pole output stage to sink or source peak current. The
output stage, suitable for driving N-Channel MOSFETs, is low in the off
state.
Oscillator frequency and maximum duty cycle are programmed with two
resistors and a capacitor. The UCC3809 family also features full cycle soft
start.
The family has UVLO thresholds and hysteresis levels for off-line and
DC-to-DC systems as shown in the table to the left.
The UCC3809 and the UCC2809 are offered in the 8 pin SOIC (D), PDIP
(N), TSSOP (PW), and MSOP (P) packages. The small TSSOP and
MSOP packages make the device ideal for applications where board
space and height are at a premium.
PART
NUMBER
TURN ON
THRESHOLD
TURN OFF
THRESHOLD
UCCX809-1
10V
8V
UCCX809-2
15V
8V
application
INFO
available


Similar Part No. - UCC2809-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2809-1 TI-UCC2809-1 Datasheet
390Kb / 16P
[Old version datasheet]   Economy Primary Side Controller
UCC2809-1 TI1-UCC2809-1 Datasheet
1Mb / 23P
[Old version datasheet]   Economy Primary Side Controller
More results

Similar Description - UCC2809-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1809-1 TI-UCC1809-1_07 Datasheet
390Kb / 16P
[Old version datasheet]   Economy Primary Side Controller
UCC1809-1 TI1-UCC1809-1_16 Datasheet
1Mb / 23P
[Old version datasheet]   Economy Primary Side Controller
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
   Primary Side PWM Controller
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
   Primary Side PWM Controller
logo
Texas Instruments
UCC2960 TI1-UCC2960_14 Datasheet
215Kb / 14P
[Old version datasheet]   PRIMARY-SIDE STARTUP CONTROLLER
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Texas Instruments
UCC2961 TI1-UCC2961 Datasheet
256Kb / 17P
[Old version datasheet]   ADVANVED PRIMARY-SIDE STARTUP CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com