Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M30245 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M30245
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30245 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M30245 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M30245 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M30245 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M30245 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M30245 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M30245 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M30245 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M30245 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M30245 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Preliminary Specification
Specifications in this manual are tentative and subject to change
Block Diagram
1-5
Mitsubishi microcomputers
M30245 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
1.4 Block Diagram
Figure 1.2 is a block diagram of the M30245 group.
Figure 1.2:
Block diagram of M30245 group
A1
FB
Port P0
Port P1
Port P2
Port P3
Port P4
Port P5
Port P6
INTB
PC
FLG
R0H
R0L
R1H
R1L
R2
R3
A0
A1
FB
R0H
R0L
R1H
R1L
R2
R3
SB
Multiplier
M16C/62 16-bit CPU Core
ROM/FLASH
RAM
Memory
CRC Arithmetic Circuit
(X16+X12+X5+1, X16+X15+X2+1)
UART/Clock Synchronous SI/O
(8 bits X 5 channels)
A-D Converter
(10 bits X 8 channels)
DMAC
(4 channels)
USB Function
(10K bytes)
USB FIFO
(3.25K bytes)
Timers
Timer TA0 (16 bits)
Timer TA1 (16 bits)
Timer TA2 (16 bits)
Timer TA3 (16 bits)
Timer TA4 (16 bits)
Timer TB0 (16 bits)
Timer TB1 (16 bits)
Timer TB2 (16 bits)
System Clock Generator
Xin - Xout
Xcin - Xcout
Watchdog Timer
(15 bits)
with frequency synthesizer
Internal Peripheral Functions
8
8
8
8
8
8
8
(128K bytes)
Port P7
8
A0
USP
ISP
Program counter
Vector table
Stack pointer
Registers


Similar Part No. - M30245

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30245 RENESAS-M30245 Datasheet
2Mb / 266P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30245 RENESAS-M30245 Datasheet
3Mb / 367P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
M30245F4-XXXGP RENESAS-M30245F4-XXXGP Datasheet
2Mb / 266P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30245F4GP RENESAS-M30245F4GP Datasheet
2Mb / 266P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30245F8-XXXGP RENESAS-M30245F8-XXXGP Datasheet
2Mb / 266P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M30245

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com