Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV595N Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LV595N
Description  8-bit serial-in/serial or parallel-out shift register with output latches 3-State
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV595N Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LV595N Datasheet HTML 3Page - NXP Semiconductors 74LV595N Datasheet HTML 4Page - NXP Semiconductors 74LV595N Datasheet HTML 5Page - NXP Semiconductors 74LV595N Datasheet HTML 6Page - NXP Semiconductors 74LV595N Datasheet HTML 7Page - NXP Semiconductors 74LV595N Datasheet HTML 8Page - NXP Semiconductors 74LV595N Datasheet HTML 9Page - NXP Semiconductors 74LV595N Datasheet HTML 10Page - NXP Semiconductors 74LV595N Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Philips Semiconductors
Product specification
74LV595
8-bit serial-in/serial or parallel-out shift register
with output latches (3-State)
1998 Apr 20
7
DC CHARACTERISTICS (Continued)
Over recommended operating conditions voltages are referenced to GND (ground = 0V)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
VOH
HIGH level output
voltage; BUS driver
outputs
VCC = 3.0V;VI = VIH or VIL; –IO = 8mA
2.40
2.82
2.20
V
VCC = 1.2V; VI = VIH or VIL; IO = 100µA
0
VOL
LOW level output
VCC = 2.0V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
V
VOL
voltage; all outputs
VCC = 2.7V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
V
VCC = 3.0V;VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VOL
LOW level output
voltage;
STANDARD
outputs
VCC = 3.0V;VI = VIH or VIL; IO = 6mA
0.25
0.40
0.50
V
VOL
LOW level output
voltage; BUS driver
outputs
VCC = 3.0V;VI = VIH or VIL; IO = 8mA
0.20
0.40
0.50
V
II
Input leakage
current
VCC = 3.6V; VI = VCC or GND
1.0
1.0
µA
IOZ
3-State output
OFF-state current
VCC = 3.6V; VI = VIH or VIL;
VO = VCC or GND
5
10
µA
ICC
Quiescent supply
current; MSI
VCC = 3.6V; VI = VCC or GND; IO = 0
20.0
160
µA
∆ICC
Additional
quiescent supply
current per input
VCC = 2.7V to 3.6V; VI = VCC –0.6V
500
850
µA
NOTE:
1. All typical values are measured at Tamb = 25°C.
AC CHARACTERISTICS
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL = 1KΩ
SYMBOL
PARAMETER
WAVEFORM
CONDITION
LIMITS
–40 to +85
°C
LIMITS
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
95
tPHL/tPLH
Propagation delay
Figure 1
2.0
32
61
75
ns
tPHL/tPLH
gy
SHCP to Q7
Figure 1
2.7
24
45
55
ns
3.0 to 3.6
182
36
44
1.2
100
tPHL/tPLH
Propagation delay
Figure 2
2.0
34
65
77
ns
tPHL/tPLH
gy
STCP to Qn
Figure 2
2.7
25
48
56
ns
3.0 to 3.6
192
38
45
1.2
85
tPHL
Propagation delay
Figure 5
2.0
29
56
66
ns
tPHL
gy
MR to Q7
Figure 5
2.7
21
41
49
ns
3.0 to 3.6
162
33
33
3St t
t
t
1.2
85
tPZH/tPZL
3-State output
enable time
Figure 3
2.0
29
56
66
ns
tPZH/tPZL
enable time
OE to Qn
Figure 3
2.7
21
41
49
ns
OE to Qn
3.0 to 3.6
162
33
39
3St t
t
t
1.2
65
tPHZ/tPLZ
3-State output
disable time
Figure 3
2.0
24
40
49
ns
tPHZ/tPLZ
disable time
OE to Qn
Figure 3
2.7
18
32
37
ns
OE to Qn
3.0 to 3.6
142
26
30


Similar Part No. - 74LV595N

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV595 NEXPERIA-74LV595 Datasheet
279Kb / 17P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 5 - 29 September 2021
logo
Texas Instruments
74LV595A TI-74LV595A Datasheet
755Kb / 22P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
logo
Nexperia B.V. All right...
74LV595D NEXPERIA-74LV595D Datasheet
279Kb / 17P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 5 - 29 September 2021
74LV595PW NEXPERIA-74LV595PW Datasheet
279Kb / 17P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 5 - 29 September 2021
logo
NXP Semiconductors
74LV595 PHILIPS-74LV595_15 Datasheet
129Kb / 20P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 03-21 April 2009
More results

Similar Description - 74LV595N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC595 PHILIPS-74AHC595 Datasheet
103Kb / 20P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2000 Mar 15
74HC595 PHILIPS-74HC595 Datasheet
140Kb / 28P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
74HC595D.118 NXP-74HC595D.118 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HC595-Q100 NEXPERIA-74HC595-Q100 Datasheet
287Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
logo
NXP Semiconductors
74HC595PW-T NXP-74HC595PW-T Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595BQ115 NXP-74HC595BQ115 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HCT595-Q100 NEXPERIA-74HCT595-Q100 Datasheet
300Kb / 20P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 4 - 11 March 2020
logo
NXP Semiconductors
74HC595BQ-Q100 NXP-74HC595BQ-Q100 Datasheet
219Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 2-10 April 2013
logo
Nexperia B.V. All right...
74HC595 NEXPERIA-74HC595 Datasheet
327Kb / 21P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 11 - 10 September 2021
logo
NXP Semiconductors
74HC_HCT595 PHILIPS-74HC_HCT595_15 Datasheet
256Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 7-26 January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com