Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV423PWDH Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LV423PWDH
Description  Dual retriggerable monostable multivibrator with reset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV423PWDH Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LV423PWDH Datasheet HTML 2Page - NXP Semiconductors 74LV423PWDH Datasheet HTML 3Page - NXP Semiconductors 74LV423PWDH Datasheet HTML 4Page - NXP Semiconductors 74LV423PWDH Datasheet HTML 5Page - NXP Semiconductors 74LV423PWDH Datasheet HTML 6Page - NXP Semiconductors 74LV423PWDH Datasheet HTML 7Page - NXP Semiconductors 74LV423PWDH Datasheet HTML 8Page - NXP Semiconductors 74LV423PWDH Datasheet HTML 9Page - NXP Semiconductors 74LV423PWDH Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Philips Semiconductors
Preliminary specification
74LV423
Dual retriggerable monostable multivibrator
with reset
1997 Feb 04
6
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltages are referenced to GND (ground = 0V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
–40
°C to +85°C
–40
°C to +125°C
UNIT
MIN
TYP1
MAX
MIN
MAX
VCC = 1.2V
0.9
0.9
V
HIGH level Input
VCC = 2.0V
1.4
1.4
V
VIH
voltage
VCC = 2.7 to 3.6V
2.0
2.0
V
VCC = 4.5 to 5.5V
0.7
<VCC
0.7
<VCC
VCC = 1.2V
0.3
0.3
V
LOW level Input
VCC = 2.0V
0.6
0.6
V
VIL
voltage
VCC = 2.7 to 3.6V
0.8
0.8
V
VCC = 4.5 to 5.5
0.3
<VCC
0.3
<VCC
VCC = 1.2V; VI = VIH or VIL; –IO = 100µA
1.2
HIGH l
l
t
t
VCC = 2.0V; VI = VIH or VIL; –IO = 100µA
1.8
2.0
1.8
VOH
HIGH level output
voltage; all outputs
VCC = 2.7V; VI = VIH or VIL; –IO = 100µA
2.5
2.7
2.5
V
voltage all out uts
VCC = 3.0V; VI = VIH or VIL; –IO = 100µA
2.8
3.0
2.8
VCC = 4.5V; VI = VIH or VIL; –IO = 100µA
4.3
4.5
4.3
VO
HIGH level output
voltage;
VCC = 3.0V; VI = VIH or VIL; –IO = 6mA
2.40
2.82
2.20
V
VOH
g
STANDARD
outputs
VCC = 4.5V; VI = VIH or VIL; –IO = 12mA
3.60
4.20
3.50
V
VO
HIGH level output
voltage; BUS driver
VCC = 3.0V; VI = VIH or VIL; –IO = 8mA
2.40
2.82
2.20
V
VOH
voltage; BUS driver
outputs
VCC = 4.5V; VI = VIH or VIL; –IO = 16mA
3.60
4.20
3.50
V
VCC = 1.2V; VI = VIH or VIL; IO = 100µA
0
LOW l
l
t
t
VCC = 2.0V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VOL
LOW level output
voltage; all outputs
VCC = 2.7V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
V
voltage all out uts
VCC = 3.0V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VCC = 4.5V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VO
LOW level output
voltage;
VCC = 3.0V; VI = VIH or VIL; IO = 6mA
0.25
0.40
0.50
V
VOL
g
STANDARD
outputs
VCC = 4.5V; VI = VIH or VIL; IO = 12mA
0.35
0.55
0.65
V
VO
LOW level output
voltage; BUS driver
VCC = 3.0V; VI = VIH or VIL; IO = 8mA
0.20
0.40
0.50
V
VOL
voltage; BUS driver
outputs
VCC = 4.5V; VI = VIH or VIL; IO = 16mA
0.35
0.55
0.65
V
II
Input leakage
current
VCC = 5.5V; VI = VCC or GND
1.0
1.0
µA
IOZ
3-State output
OFF-state current
VCC = 5.5V; VI = VIH or VIL;
VO = VCC or GND
5
10
µA
ICC
Quiescent supply
current; SSI
VCC = 5.5V; VI = VCC or GND; IO = 0
20.0
40
µA
ICC
Quiescent supply
current; flip-flops
VCC = 5.5V; VI = VCC or GND; IO = 0
20.0
80
µA
ICC
Quiescent supply
current; MSI
VCC = 5.5V; VI = VCC or GND; IO = 0
20.0
160
µA
ICC
Quiescent supply
current; LSI
VCC = 5.5V; VI = VCC or GND; IO = 0
500
1000
µA
∆ICC
Additional
quiescent supply
current
VCC = 2.7V to 3.6V; VI = VCC – 0.6V
500
850
µA
NOTE:
1. All typical values are measured at Tamb = 25°C.


Similar Part No. - 74LV423PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4020 NXP-74LV4020 Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020D NXP-74LV4020D Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020DB NXP-74LV4020DB Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020N NXP-74LV4020N Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020PW NXP-74LV4020PW Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
More results

Similar Description - 74LV423PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com