Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M417400CTP-5S Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M5M417400CTP-5S
Description  FAST PAGE MODE 16777216-BIT (4194304-WORD BY 4-BIT) DYNAMIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M417400CTP-5S Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M5M417400CTP-5S Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M417400CTP-5S Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M417400CTP-5S Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M417400CTP-5S Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M417400CTP-5S Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M417400CTP-5S Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M5M417400CTP-5S Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M5M417400CTP-5S Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M5M417400CTP-5S Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
MITSUBISHI LSIs
M5M417400CJ,TP-5,-6,-7,-5S,-6S,-7S
FAST PAGE MODE 16777216-BIT (4194304-WORD BY 4-BIT) DYNAMIC RAM
8
TIMING REQUIREMENTS
(Ta = 0 ~ 70°C, VCC = 5V ± 10%, VSS = 0V, unless otherwise noted, see notes 12, 13)
SELF REFRESH ENTRY & EXIT CONDITIONS
1.
In case of distributed refresh
The last / first full refresh cycles (2K) must be made within tNS / tSN before / after self refresh, on the condition
of tNS ≤ 32ms and tSN ≤ 32ms.
2.
In case of burst refresh
The last / first full refresh cycles (2K) must be made within tNS / tSN before / after self refresh, on the condition
of tNS + tSN ≤ 32ms.
Symbol
Parameter
Limits
Unit
M5M417400C-5S
M5M417400C-6S
M5M417400C-7S
Min
Max
Min
Max
Min
Max
tRASS
Self Refresh RAS low pulse width
100
100
100
µs
tRPS
Self Refresh RAS high precharge time
90
110
130
ns
tCHS
Self Refresh RAS hold time
-50
-50
-50
ns
tRSR
Read setup time before RAS low
101010
ns
tRHR
Read hold time after RAS low
101015
ns


Similar Part No. - M5M417400CTP-5S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M410092BFP MITSUBISHI-M5M410092BFP Datasheet
1Mb / 204P
   3D-RAM (M5M410092B)
M5M410092BRF MITSUBISHI-M5M410092BRF Datasheet
1Mb / 204P
   3D-RAM (M5M410092B)
More results

Similar Description - M5M417400CTP-5S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M467400DTP-5 MITSUBISHI-M5M467400DTP-5 Datasheet
246Kb / 37P
   FAST PAGE MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M467400BJ MITSUBISHI-M5M467400BJ Datasheet
392Kb / 37P
   FAST PAGE MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M44400BJ MITSUBISHI-M5M44400BJ Datasheet
1Mb / 24P
   FAST PAGE MODE 4194304-BIT(1048576-WORD BY 4-BIT)DYNAMIC RAM
MH4M36CJD-5 MITSUBISHI-MH4M36CJD-5 Datasheet
130Kb / 14P
   FAST PAGE MODE ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
MH16V72AWJ-5 MITSUBISHI-MH16V72AWJ-5 Datasheet
195Kb / 20P
   FAST PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V64AWJ-5 MITSUBISHI-MH16V64AWJ-5 Datasheet
186Kb / 20P
   FAST PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V644AWJ-5 MITSUBISHI-MH16V644AWJ-5 Datasheet
186Kb / 20P
   FAST PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V724AWJ-5 MITSUBISHI-MH16V724AWJ-5 Datasheet
189Kb / 20P
   FAST PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH4V64AXJJ MITSUBISHI-MH4V64AXJJ Datasheet
217Kb / 25P
   FAST PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM
M5M44800CJ MITSUBISHI-M5M44800CJ Datasheet
209Kb / 21P
   FAST PAGE MODE 4194304-BIT (524288-WORD BY 8-BIT) DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com