Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M51016BTP-10VL-I Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M5M51016BTP-10VL-I
Description  1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M51016BTP-10VL-I Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  M5M51016BTP-10VL-I Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M51016BTP-10VL-I Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M51016BTP-10VL-I Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M51016BTP-10VL-I Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M51016BTP-10VL-I Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M51016BTP-10VL-I Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M51016BTP-10VL-I Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MITSUBISHI LSIs
1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
MITSUBISHI
ELECTRIC
M5M51016BTP,RT-10VL-I,
-10VLL-I
9 Jul ,1997
(Ta = -40 ~ 85
, unless otherwise noted)
Symbol
Parameter
V
V
Max
Typ
Limits
Min
Test conditions
Unit
µA
0.2V
t rec (PD)
3.0V
V
(3) POWER DOWN CHARACTERISTICS
BC control mode
CS control mode
POWER DOWN CHARACTERISTICS
2
(1) ELECTRICAL CHARACTERISTICS
100
2.0
0.6
0.2
-VLL
-VL
(Note 7)
0.3
20
Power down set up time
Power down recovery time
(2) TIMING REQUIREMENTS (Ta = -40 ~ 85
, unless otherwise noted )
VCC (PD)
VI (BC)
VI (CS)
ICC (PD)
Power down supply voltage
Byte control input BC1 & BC2
Chip select input CS
Power down supply current
3.0V
VCC(PD)
VCC(PD)
3.0V
VCC = 3V
tsu (PD)
trec (PD)
Symbol
Parameter
ns
Max
Typ
Limits
Min
Test conditions
Unit
0
5
ms
3.0V
t su (PD)
0.2V
2.0V
t su (PD)
3.0V
3.0V
2.0V
t rec (PD)
VCC
BC1 & BC2
VCC
CS
7
C
o
<
<
1) CS
0.2V
CS
VCC
0.2V,other inputs=0
~3V
2) BC1 & BC2
Vcc
0.2V,
other inputs = 0
~ 3V
>
>
<
Note7. ICC (PD) = 1
µA in case of Ta = 25 C
o
C
o
BC1 & BC2
VCC
0.2V
>
CS
0.2V
<


Similar Part No. - M5M51016BTP-10VL-I

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M51016BTP-10L-I MITSUBISHI-M5M51016BTP-10L-I Datasheet
79Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-10LL-I MITSUBISHI-M5M51016BTP-10LL-I Datasheet
79Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
More results

Similar Description - M5M51016BTP-10VL-I

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M51016BTP-12VL MITSUBISHI-M5M51016BTP-12VL Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-12VL-I MITSUBISHI-M5M51016BTP-12VL-I Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M564R16DJ-10 MITSUBISHI-M5M564R16DJ-10 Datasheet
90Kb / 7P
   1048576-BIT (65536-WORD BY 16-BIT) CMOS STATIC RAM
M5M51016BTP-70L MITSUBISHI-M5M51016BTP-70L Datasheet
79Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51R16AWG-10L MITSUBISHI-M5M51R16AWG-10L Datasheet
84Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51R16AWG-10LI MITSUBISHI-M5M51R16AWG-10LI Datasheet
89Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M5165P MITSUBISHI-M5M5165P Datasheet
394Kb / 6P
   65536-BIT (8192-WORD BY 8-BIT) CMOS STATIC RAM
M5M512R88DJ-10 MITSUBISHI-M5M512R88DJ-10 Datasheet
62Kb / 6P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V4R04J-12 MITSUBISHI-M5M5V4R04J-12 Datasheet
56Kb / 6P
   4194304-BIT (1048576-WORD BY 4-BIT) CMOS STATIC RAM
M5M51008CP-55H MITSUBISHI-M5M51008CP-55H Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com