Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL300UA-E Datasheet(PDF) 10 Page - Micronas

Part # HAL300UA-E
Description  Differential Hall Effect Sensor IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL300UA-E Datasheet(HTML) 10 Page - Micronas

Back Button HAL300UA-E Datasheet HTML 6Page - Micronas HAL300UA-E Datasheet HTML 7Page - Micronas HAL300UA-E Datasheet HTML 8Page - Micronas HAL300UA-E Datasheet HTML 9Page - Micronas HAL300UA-E Datasheet HTML 10Page - Micronas HAL300UA-E Datasheet HTML 11Page - Micronas HAL300UA-E Datasheet HTML 12Page - Micronas HAL300UA-E Datasheet HTML 13Page - Micronas HAL300UA-E Datasheet HTML 14Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
HAL300
10
Micronas
0
10
20
30
40
50
60
70
0
5
10
15
20
25
30 V
kHz
VDD
fosc
TA = 25 °C
Fig. 16: Typical internal chopper frequency
versus supply voltage
0
10
20
30
40
50
60
70
3
3.5
4.0
4.5
5.0
5.5
6.0 V
kHz
VDD
fosc
TA = 25 °C
Fig. 17: Typical internal chopper frequency
versus supply voltage
0
10
20
30
40
50
60
70
–50
0
50
100
150
200
kHz
TA
fosc
VDD = 12 V
°C
Fig. 18: Typical internal chopper frequency
versus ambient temperature
–50
0
50
100
150
200
µA
TA
IOH
°C
10
0
10
–1
10
–2
10
–3
10
–4
10
–5
10
1
10
2
VOH = 24 V
VDD = 5 V
Fig. 19: Typical output leakage current
versus ambient temperature


Similar Part No. - HAL300UA-E

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL300UA-A MICRONAS-HAL300UA-A Datasheet
1Mb / 22P
   Differential Hall Effect Sensor IC
HAL300UA-K MICRONAS-HAL300UA-K Datasheet
1Mb / 22P
   Differential Hall Effect Sensor IC
More results

Similar Description - HAL300UA-E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL320 ETC-HAL320 Datasheet
143Kb / 13P
   Differential Hall Effect Sensor IC
logo
Micronas
HAL320 MICRONAS-HAL320 Datasheet
1Mb / 22P
   Differential Hall-Effect Sensor IC
HAL300 MICRONAS-HAL300_1 Datasheet
1Mb / 22P
   Differential Hall Effect Sensor IC
logo
Infineon Technologies A...
TLE4923 INFINEON-TLE4923 Datasheet
127Kb / 18P
   Dynamic Differential Hall Effect Sensor IC
2000-07-01
TLE4923 INFINEON-TLE4923_05 Datasheet
616Kb / 24P
   Dynamic Differential Hall Effect Sensor IC
V 1.0, April 2005
TLE4921-3U INFINEON-TLE4921-3U Datasheet
138Kb / 19P
   Dynamic Differential Hall Effect Sensor IC
2000-07-01
TLE4921-5U INFINEON-TLE4921-5U Datasheet
568Kb / 24P
   Dynamic Differential Hall Effect Sensor IC
2002-08-02
TLE4921-5U INFINEON-TLE4921-5U_08 Datasheet
875Kb / 26P
   Dynamic Differential Hall Effect Sensor IC
V 1.1, January 2008
logo
Siemens Semiconductor G...
TLE4923 SIEMENS-TLE4923 Datasheet
157Kb / 18P
   Dynamic Differential Hall Effect Sensor IC
logo
Infineon Technologies A...
TLE4941 INFINEON-TLE4941 Datasheet
853Kb / 11P
   Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com