Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTJD4105CT4 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTJD4105CT4
Description  Small Signal MOSFET 20 V / ??.0 V, Complementary, 0.63 A / ??.775 A, SC??8
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJD4105CT4 Datasheet(HTML) 3 Page - ON Semiconductor

  NTJD4105CT4 Datasheet HTML 1Page - ON Semiconductor NTJD4105CT4 Datasheet HTML 2Page - ON Semiconductor NTJD4105CT4 Datasheet HTML 3Page - ON Semiconductor NTJD4105CT4 Datasheet HTML 4Page - ON Semiconductor NTJD4105CT4 Datasheet HTML 5Page - ON Semiconductor NTJD4105CT4 Datasheet HTML 6Page - ON Semiconductor NTJD4105CT4 Datasheet HTML 7Page - ON Semiconductor NTJD4105CT4 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NTJD4105C
http://onsemi.com
3
TYPICAL N−CHANNEL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
0
1.4
1
6
2
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0.6
0.2
0
Figure 1. On−Region Characteristics
0.4
1.2
2
1.2
2.4
1
0.6
0.2
0.8
0
0
Figure 2. Transfer Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
0.1
0.4
1
0.3
0.2
0
Figure 3. On−Resistance vs. Drain Current and
Temperature
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance vs. Drain Current and
Temperature
−50
0
−25
25
1.4
1.2
1
0.8
0.6
50
125
100
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ = 25°C
0.7
0.2
0.6
TJ = −55°C
TJ = 125°C
75
150
ID = 0.63 A
VGS = 4.5 V
and 2.5 V
4
25
°C
2
1.2 V
0
1.4
Figure 6. Capacitance Variation
1.4 V
1.6 V
1.8 V
10
8
VDS ≥ 10 V
0.4
VGS = 2 V
VGS = 4.5 V to 2.2 V
0.4
0.8
1.2
0.8
0.4
1.6
TJ = 125°C
1.2
0.8
VGS = 4.5 V
TJ = −55°C
TJ = 25°C
0.1
0.4
1
0.3
0.2
0
ID, DRAIN CURRENT (AMPS)
0.7
0.2
0.6
TJ = 125°C
0
1.4
0.4
1.2
0.8
VGS = 2.5 V
TJ = −55°C
TJ = 25°C
VGS = 0 V
10
0
80
60
40
20
0
DRAIN−TO−SOURCE VOLTAGE (VOLTS)
TJ = 25°C
Coss
Ciss
Crss
520
15
0.6
0.5
0.5
0.6
1.8
1.6


Similar Part No. - NTJD4105CT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJD4152P ONSEMI-NTJD4152P Datasheet
93Kb / 5P
   Trench Small Signal MOSFET 20 V, 0.88 A, Dual P-Channel, ESD Protected SC-88
August, 2007 - Rev. 2
NTJD4152P ONSEMI-NTJD4152P Datasheet
75Kb / 5P
   Trench Small Signal MOSFET
February, 2015 ??Rev. 6
NTJD4152PT1 ONSEMI-NTJD4152PT1 Datasheet
93Kb / 5P
   Trench Small Signal MOSFET 20 V, 0.88 A, Dual P-Channel, ESD Protected SC-88
August, 2007 - Rev. 2
NTJD4152PT1G ONSEMI-NTJD4152PT1G Datasheet
93Kb / 5P
   Trench Small Signal MOSFET 20 V, 0.88 A, Dual P-Channel, ESD Protected SC-88
August, 2007 - Rev. 2
NTJD4152PT1G ONSEMI-NTJD4152PT1G Datasheet
75Kb / 5P
   Trench Small Signal MOSFET
February, 2015 ??Rev. 6
More results

Similar Description - NTJD4105CT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJD4158C ONSEMI-NTJD4158C Datasheet
148Kb / 7P
   Small Signal MOSFET 30 V/??0 V, 0.25/??.88 A, Complementary, SC??8
March, 2009 ??Rev. 2
NTJD3158C ONSEMI-NTJD3158C Datasheet
102Kb / 7P
   Power MOSFET 20 V, 0.63/-0.82 A, SC-88 Complementary, ESD Protected
January, 2008 - Rev. 0
NTHC5513 ONSEMI-NTHC5513 Datasheet
89Kb / 10P
   Power MOSFET 20 V, 3.9 A / ??.0 A, Complementary ChipFET-TM
October, 2004 ??Rev. 4
NTJS4405N ONSEMI-NTJS4405N Datasheet
131Kb / 5P
   Small Signal MOSFET 25 V, 1.2 A, Single, N?묬hannel, SC??8
February, 2006 ??Rev. 4
NTLJD3183CZ ONSEMI-NTLJD3183CZ Datasheet
141Kb / 9P
   Power MOSFET 20 V/??0 V, 4.7 A/??.0 A, 關Cool??Complementary, 2x2 mm, WDFN Package
December, 2008 ??Rev. 0
NTLJD3119C ONSEMI-NTLJD3119C Datasheet
173Kb / 10P
   Power MOSFET 20 V/??0 V, 4.6 A/??.1 A, uCool Complementary, 2x2 mm, WDFN Package
October, 2006 ??Rev. 0
NVJD4401NT1G ONSEMI-NVJD4401NT1G Datasheet
124Kb / 5P
   Small Signal MOSFET 20 V, Dual N?묬hannel, SC??8 ESD Protection
October, 2011 ??Rev. 6
NTS4409N ONSEMI-NTS4409N Datasheet
65Kb / 6P
   Small Signal MOSFET 25 V, 0.75 A, Single, N?묬hannel, ESD Protection, SC??0/SOT??23
January, 2006 ??Rev. 2
NTJD4152P ONSEMI-NTJD4152P Datasheet
93Kb / 5P
   Trench Small Signal MOSFET 20 V, 0.88 A, Dual P-Channel, ESD Protected SC-88
August, 2007 - Rev. 2
NTHD3102CT1G ONSEMI-NTHD3102CT1G Datasheet
101Kb / 11P
   Power MOSFET Complementary, 20 V, 5.5 A /??.2 A, ChipFET
September, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com