Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M29GT160BWG Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # M5M29GT160BWG
Description  16,777,216-BIT (1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M29GT160BWG Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M5M29GT160BWG Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M29GT160BWG Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M29GT160BWG Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M29GT160BWG Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M29GT160BWG Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M5M29GT160BWG Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M5M29GT160BWG Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M5M29GT160BWG Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M5M29GT160BWG Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
MITSUBISHI LSIs
16,777,216-BIT (1048,576-WORD BY16-BIT)
CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29GB/T161BWG
Sep.1999. Rev4.0
9
BLOCK LOCKING
1) DQ6 provides Lock Status of each block after writing the Read Lock Status command (71H).
WP1# & WP2# pins must not be switched during performing Erase / Write operations or WSM Busy (WSMS = 0).
2) Erase/Write command for locked blocks is aborted. At this time read mode is not array read mode but status read mode and
00B0H is read. Please issue Clear Status Register command plus Read Array command to change the mode from status read mode
to array read mode.
STATUS REGISTER
Status
Erase Status
Program Status
Definition
Symbol
(DQ5)
(DQ4)
Write State Machine Status
(DQ7)
(DQ6)
(DQ1)
(DQ0)
(DQ3)
(DQ2)
"1"
"0"
Ready
Busy
Suspended
Operation in Progress / Completed
Error
Successful
Error
Successful
SR.5
SR.4
SR.7
SR.6
SR.1
SR.0
SR.3
SR.2
Block Status after Program
Reserved
-
Suspend Status
Error
Successful
-
*DQ3 indicates the block status after the page programming, byte/word programming and page buffer to flash. When DQ3 is "1", the page has the
over-programed cell . If over-program occurs, the device is block fail. However if DQ3 is "1", please try the block erase to the block. The block may revive.
Reserved
Reserved
--
--
Deep Power Down Mode
Write Protection Provided
Locked
VIL
RP#
WP1#
WP2#
XX
Lock
Bit
(Internally)
X
BANK(I)
Lock Bit
Boot
Parameter
Data
Locked
Locked
Locked
Note
All Blocks Locked
All Blocks Unlocked
VIH
VIL
VIH
VIH
VIL
VIL
VIL
VIH
VIH
0
1
X
X
0
1
Locked
Locked
Unlocked
Locked
Locked
Locked
Locked
Locked
Locked
Locked
Locked
Locked
Unlocked Unlocked Unlocked
Locked
Locked
Locked
Unlocked Unlocked
Locked
Unlocked
Locked
Locked
Only Parameter Block is Unlocked
BANK(II)
161BWG


Similar Part No. - M5M29GT160BWG

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M29GT160BWG MITSUBISHI-M5M29GT160BWG Datasheet
240Kb / 25P
   16,777,216-BIT (2097,152-WORD BY 8-BIT / 1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
More results

Similar Description - M5M29GT160BWG

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M29GB160BVP MITSUBISHI-M5M29GB160BVP Datasheet
240Kb / 25P
   16,777,216-BIT (2097,152-WORD BY 8-BIT / 1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29FB800FP MITSUBISHI-M5M29FB800FP Datasheet
166Kb / 14P
   8,388,608-BIT (1048,576-WORD BY 8-BIT / 524,288-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
logo
Renesas Technology Corp
M5M29GB320VP-80 RENESAS-M5M29GB320VP-80 Datasheet
72Kb / 3P
   33,554,432-BIT (4,194,304-WORD BY 8-BIT / 2,097,152-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29GB320WG RENESAS-M5M29GB320WG Datasheet
89Kb / 3P
   33,554,432-BIT (4,194,304-WORD BY 8-BIT / 2,097,152-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
logo
Mitsubishi Electric Sem...
M6MGB162S4BVP MITSUBISHI-M6MGB162S4BVP Datasheet
243Kb / 29P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB166S4BWG MITSUBISHI-M6MGB166S4BWG Datasheet
264Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB162S2BVP MITSUBISHI-M6MGB162S2BVP Datasheet
247Kb / 29P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB166S2BWG MITSUBISHI-M6MGB166S2BWG Datasheet
257Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
logo
Renesas Technology Corp
M5M29KB RENESAS-M5M29KB Datasheet
285Kb / 32P
   CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
logo
Mitsubishi Electric Sem...
M6MGB160S2BVP MITSUBISHI-M6MGB160S2BVP Datasheet
269Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT / 2,097,152-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com