Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M29WB160BWG Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M5M29WB160BWG
Description  16,777,216-BIT (2097,152-WORD BY 8-BIT / 1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M29WB160BWG Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M5M29WB160BWG Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M29WB160BWG Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M29WB160BWG Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M29WB160BWG Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M29WB160BWG Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M29WB160BWG Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M29WB160BWG Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M29WB160BWG Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M29WB160BWG Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
MITSUBISHI LSIs
16,777,216-BIT (2097,152-WORD BY 8-BIT / 1048,576-WORD BY16-BIT)
CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29GB/T160BVP-80
Sep 1999. Rev2.0
1
DESCRIPTION
The MITSUBISHI Mobile FLASH M5M29GB/T160BVP are 3.3V-only high speed 16,777,216-bit CMOS boot block Flash Memories with
alternating BGO (Back Ground Operation) feature. The BGO feature of the device allows Program or Erase operations to be performed in
one bank while the device simultaneously allows Read operations to be performed on the other bank. This BGO feature is suitable for
mobile and personal computing, and communication products. The M5M29GB/T160BVP are fabricated by CMOS technology for the
peripheral circuits and DINOR(Divided bit line NOR) architecture for the memory cells, and are available in in 48pin TSOP(I) .
FEATURES
Boot Block
M5M29GB160BVP
Bottom Boot
M5M29GT160BVP
Top Boot
Other Functions
Soft Ware Command Control
Selective Block Lock
Erase Suspend/Resume
Program Suspend/Resume
Status Register Read
Alternating Back Ground Program/Erase Operation
Between Bank(I) and Bank(II)
Package
48-Lead, 12mm x 20mm TSOP (type-I)
Organization
1048,576 word x 16bit
2,097,152 word x 8 bit
Supply voltage
................................
VCC = 2.7~3.6V
Access time
80ns (Vcc=3.3V+/-0.3V)
90ns (Vcc=2.7~3.6V)
Power Dissipation
Read
54 mW (Max. at 5MHz)
(After Automatic Power saving)
0.33
mW (typ.)
Program/Erase
126 mW (Max.)
Standby
0.33
mW (typ.)
Deep power down mode
0.33
mW (typ.)
Auto program for Bank(I)
Program Time
4ms (typ.)
Program Unit
(Byte Program)
1word/1byte
(Page Program)
128word/256byte
Auto program for Bank(II)
Program Time
4ms (typ.)
Program Unit
128word/256byte
Auto Erase
Erase time
40 ms (typ.)
Erase Unit
Bank(I)
Boot Block
16Kword/32Kbyte x 1
Parameter Block
16Kword/32Kbyte x 7
Bank(II) Main Block
32Kword/64Kbyte x 28
Program/Erase cycles
100Kcycles
.................................
.................................
.................................
.............................
.................................
.......................
..............................
.................................
.....................
..............
......................
.........................................
.................................
APPLICATION
Code Strage
Digital Cellular Phone
Telecommunication
Mobile Computing Machine
PDA (Personal Digital Assistance)
Car Navigation System
Video Game Machine
........................
........................
.........................
.........................
.................................
.................................
.................................
..........
PIN CONFIGURATION (TOP VIEW)
NC : NO CONNECTION
Outline 48pin TSOP type-I (12 X 20mm)
VP(Normal bend)
M5M29GB/T
160BVP
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
48
47
46
45
A16
CE#
DQ0
A0
GND
OE#
BYTE#
DQ8
DQ1
DQ9
DQ2
VCC
GND
DQ10
DQ3
DQ11
DQ4
DQ12
DQ5
DQ13
DQ6
DQ14
DQ7
DQ15/A-1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A18
A17
RY/BY#
A11
A10
A15
17
18
19
20
21
22
23
24
A13
A12
A14
A9
A8
NC
RP#
A7
A6
A5
A4
A1
A2
A3
WE#
WP#
160BVP
160BVP
NC
A19


Similar Part No. - M5M29WB160BWG

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M29WB160BWG MITSUBISHI-M5M29WB160BWG Datasheet
213Kb / 23P
   16,777,216-BIT (1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
More results

Similar Description - M5M29WB160BWG

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M29GB161BWG MITSUBISHI-M5M29GB161BWG Datasheet
213Kb / 23P
   16,777,216-BIT (1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29FB800FP MITSUBISHI-M5M29FB800FP Datasheet
166Kb / 14P
   8,388,608-BIT (1048,576-WORD BY 8-BIT / 524,288-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
logo
Renesas Technology Corp
M5M29GB320VP-80 RENESAS-M5M29GB320VP-80 Datasheet
72Kb / 3P
   33,554,432-BIT (4,194,304-WORD BY 8-BIT / 2,097,152-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29GB320WG RENESAS-M5M29GB320WG Datasheet
89Kb / 3P
   33,554,432-BIT (4,194,304-WORD BY 8-BIT / 2,097,152-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
logo
Mitsubishi Electric Sem...
M6MGB160S2BVP MITSUBISHI-M6MGB160S2BVP Datasheet
269Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT / 2,097,152-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB160S4BVP MITSUBISHI-M6MGB160S4BVP Datasheet
268Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT / 2,097,152-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB162S4BVP MITSUBISHI-M6MGB162S4BVP Datasheet
243Kb / 29P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB166S4BWG MITSUBISHI-M6MGB166S4BWG Datasheet
264Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB162S2BVP MITSUBISHI-M6MGB162S2BVP Datasheet
247Kb / 29P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB166S2BWG MITSUBISHI-M6MGB166S2BWG Datasheet
257Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com