Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M29GT160BWG Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # M5M29GT160BWG
Description  16,777,216-BIT (2097,152-WORD BY 8-BIT / 1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M29GT160BWG Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M5M29GT160BWG Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M29GT160BWG Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M29GT160BWG Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M29GT160BWG Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M29GT160BWG Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M5M29GT160BWG Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M5M29GT160BWG Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M5M29GT160BWG Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M5M29GT160BWG Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
MITSUBISHI LSIs
16,777,216-BIT (2097,152-WORD BY 8-BIT / 1048,576-WORD BY16-BIT)
CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29GB/T160BVP-80
Sep 1999. Rev2.0
9
*The RY/BY# is an open drain output pin and indicates status of the internal WSM. When low,it indicates that the WSM is Busy performing an operation.
A pull-up resistor of 10K-100K Ohms is required to allow the RY/BY# signal to transition high indicating a Ready WSM condition.
STATUS REGISTER
Status
Erase Status
Program Status
Definition
Symbol
(DQ5)
(DQ4)
Write State Machine Status
(DQ7)
(DQ6)
(DQ1)
(DQ0)
(DQ3)
(DQ2)
"1"
"0"
Ready
Busy
Suspended
Operation in Progress / Completed
Error
Successful
Error
Successful
SR.5
SR.4
SR.7
SR.6
SR.1
SR.0
SR.3
SR.2
Block Status after Program
Reserved
-
Suspend Status
Error
Successful
-
*DQ3 indicates the block status after the page programming, byte/word programming and page buffer to flash. When DQ3 is "1", the page has the
over-programed cell . If over-program occurs, the device is block fail. However if DQ3 is "1", please try the block erase to the block. The block may revive.
Reserved
Reserved
--
--
BLOCK LOCKING
Deep Power Down Mode
Write Protection Provided
Locked
Lock
Bit
(Internally)
X
BANK(I)
Lock Bit
Boot
Parameter
Data
Locked
Locked
Locked
Note
BANK(II)
VIL
RP#
WP#
X
All Blocks Unlocked
0
1
X
Locked
Locked
Unlocked Unlocked Unlocked Unlocked
Locked
Locked
Locked
Unlocked Unlocked
Locked
VIH
VIL
VIH
160B
1) DQ6 provides Lock Status of each block after writing the Read Lock Status command (71H).
WP# pins must not be switched during performing Erase / Write operations or WSM Busy (WSMS = 0).
2) Erase/Write command for locked blocks is aborted. At this time read mode is not array read mode but status read mode and
00B0H is read. Please issue Clear Status Register command plus Read Array command to change the mode from status read
mode to array read mode.


Similar Part No. - M5M29GT160BWG

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M29GT160BWG MITSUBISHI-M5M29GT160BWG Datasheet
213Kb / 23P
   16,777,216-BIT (1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
More results

Similar Description - M5M29GT160BWG

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M29GB161BWG MITSUBISHI-M5M29GB161BWG Datasheet
213Kb / 23P
   16,777,216-BIT (1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29FB800FP MITSUBISHI-M5M29FB800FP Datasheet
166Kb / 14P
   8,388,608-BIT (1048,576-WORD BY 8-BIT / 524,288-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
logo
Renesas Technology Corp
M5M29GB320VP-80 RENESAS-M5M29GB320VP-80 Datasheet
72Kb / 3P
   33,554,432-BIT (4,194,304-WORD BY 8-BIT / 2,097,152-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29GB320WG RENESAS-M5M29GB320WG Datasheet
89Kb / 3P
   33,554,432-BIT (4,194,304-WORD BY 8-BIT / 2,097,152-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
logo
Mitsubishi Electric Sem...
M6MGB160S2BVP MITSUBISHI-M6MGB160S2BVP Datasheet
269Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT / 2,097,152-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB160S4BVP MITSUBISHI-M6MGB160S4BVP Datasheet
268Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT / 2,097,152-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB162S4BVP MITSUBISHI-M6MGB162S4BVP Datasheet
243Kb / 29P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB166S4BWG MITSUBISHI-M6MGB166S4BWG Datasheet
264Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB162S2BVP MITSUBISHI-M6MGB162S2BVP Datasheet
247Kb / 29P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB166S2BWG MITSUBISHI-M6MGB166S2BWG Datasheet
257Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com