Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M29WB160BVP Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # M5M29WB160BVP
Description  16,777,216-BIT (1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M29WB160BVP Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button M5M29WB160BVP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M29WB160BVP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M29WB160BVP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M5M29WB160BVP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M5M29WB160BVP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M5M29WB160BVP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M5M29WB160BVP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M5M29WB160BVP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M5M29WB160BVP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
MITSUBISHI LSIs
16,777,216-BIT (1048,576-WORD BY16-BIT)
CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29GB/T161BWG
Sep.1999. Rev4.0
11
Read-Only Mode
AC ELECTRICAL CHARACTERISTICS (Ta = -40 ~85°C, Vcc = 2.7V ~3.6V)
Write Mode (WE# control)
AC ELECTRICAL CHARACTERISTICS (Ta = -40 ~85°C, Vcc = 2.7V ~3.6V)
Timing measurements are made under AC waveforms for read operations.
Symbol
Parameter
Limits
ta (AD)
Address access time
tAVQV
tCLZ
Chip enable to output in low-Z
tELQX
ta (CE)
Chip enable access time
tELQV
ta (OE)
Output enable access time
tGLQV
tDF(CE)
Chip enable high to output in high Z
tEHQZ
tRC
Read cycle time
tAVAV
tOH
Output hold from CE#, OE#, addresses
tOH
tOLZ
tGLQX
Output enable to output in low-Z
tDF(OE)
tGHQZ
Output enable high to output in high Z
tPHZ
RP# low to output high-Z
tPLQZ
RP# recovery to CE# low
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
tPS
tPHEL
Vcc=2.7-3.6V
90
0
90
30
25
90
0
0
25
150
150
Max
Min
Typ
90ns
Read timing parameters during command write operations mode are the same as during read-only operations mode.
Typical values at Vcc=3.3V, Ta=25°C
Symbol
Parameter
Write cycle time
Data hold time
Data set-up time
Address hold time
Address set-up time
tAVAV
tWHDX
tDVWH
tWHAX
tAVWH
tWC
tDH
tDS
tAH
tAS
Limits
90ns
90
50
50
Max
Min
Typ
0
0
Unit
ns
ns
ns
ns
ns
Write pulse width
Chip enable hold time
Chip enable set-up time
Write pulse width high
RP# high recovery to write enable low
Block Lockhold from valid SRD
Write enable high to F-RY/BY# low
Duration of auto-program operation
Duration of auto-block erase operation
Block Lock set-up to write enable high
tWLWH
tWHEH
tELWL
tWHWL
tPHWL
tQVPH
tWHRL
tWHRH1
tWHRH2
tPHHWH
tWHRL
tWP
tCH
tCS
tWPH
tPS
tBLS
tBLH
tDAP
tDAE
OE# hold to WE# Low
tGHWL
tGHWL
150
4
40
90
80
600
60
0
30
0
90
0
0
ns
ns
ns
ns
ns
ns
ns
ms
ms
ns
ns
Vcc=2.7-3.6V
ns
ns
10
30
OE# hold from WE# high
tWHGL
tOEH
-
tRE
Latency between Read and Write FFH or 71H


Similar Part No. - M5M29WB160BVP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M29WB160BVP MITSUBISHI-M5M29WB160BVP Datasheet
240Kb / 25P
   16,777,216-BIT (2097,152-WORD BY 8-BIT / 1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
More results

Similar Description - M5M29WB160BVP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M29GB160BVP MITSUBISHI-M5M29GB160BVP Datasheet
240Kb / 25P
   16,777,216-BIT (2097,152-WORD BY 8-BIT / 1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29FB800FP MITSUBISHI-M5M29FB800FP Datasheet
166Kb / 14P
   8,388,608-BIT (1048,576-WORD BY 8-BIT / 524,288-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
logo
Renesas Technology Corp
M5M29GB320VP-80 RENESAS-M5M29GB320VP-80 Datasheet
72Kb / 3P
   33,554,432-BIT (4,194,304-WORD BY 8-BIT / 2,097,152-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29GB320WG RENESAS-M5M29GB320WG Datasheet
89Kb / 3P
   33,554,432-BIT (4,194,304-WORD BY 8-BIT / 2,097,152-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
logo
Mitsubishi Electric Sem...
M6MGB162S4BVP MITSUBISHI-M6MGB162S4BVP Datasheet
243Kb / 29P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB166S4BWG MITSUBISHI-M6MGB166S4BWG Datasheet
264Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB162S2BVP MITSUBISHI-M6MGB162S2BVP Datasheet
247Kb / 29P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB166S2BWG MITSUBISHI-M6MGB166S2BWG Datasheet
257Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
logo
Renesas Technology Corp
M5M29KB RENESAS-M5M29KB Datasheet
285Kb / 32P
   CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
logo
Mitsubishi Electric Sem...
M6MGB160S2BVP MITSUBISHI-M6MGB160S2BVP Datasheet
269Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT / 2,097,152-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com