Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

302U80A Datasheet(PDF) 5 Page - International Rectifier

Part # 302U80A
Description  STANDARD RECOVERY DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

302U80A Datasheet(HTML) 5 Page - International Rectifier

  302U80A Datasheet HTML 1Page - International Rectifier 302U80A Datasheet HTML 2Page - International Rectifier 302U80A Datasheet HTML 3Page - International Rectifier 302U80A Datasheet HTML 4Page - International Rectifier 302U80A Datasheet HTML 5Page - International Rectifier 302U80A Datasheet HTML 6Page - International Rectifier 302U80A Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
70/300U(R) Series
T
J
Max. junction operating temperature range
-65 to 200
T
stg
Max. storage temperature range
-65 to 200
R
thJC
Max. thermal resistance, junction to case
0.18
DC operation
R
thCS
Max. thermal resistance, case to heatsink
0.08
Mounting surface, smooth, flat and greased
T
Max. allowed mounting torque +0 -20%
37
Not lubricated threads
28
Lubricated threads
wt
Approximate weight
250
g
Case style
DO-205AB (DO-9)**
JEDEC (See Outline Table)
Parameter
70/300U(R)
Units
Conditions
Thermal and Mechanical Specifications
°C
K/W
Nm
** 302U-A uses IR case style B-26
180°
0.020
0.015
T
J
= T
J
max.
120°
0.024
0.025
90°
0.031
0.034
60°
0.045
0.047
30°
0.077
0.077
Conduction angle
Sinusoidal conduction
Rectangular conduction Units
Conditions
K/W
Ordering Information Table
300
U
R
100
A
1
2
3
4
5
6
Device Code
1
-
300
= Standard 300U device
70
= Standard 70U device
302
= 300U Top Threaded version
72
= 70U with Pinch Bolt
2
-
U
= Essential Part Number
3
-
F
= Flat Base, available only on 72UF Series
None = Normal Stud
4
-
R
= Stud Reverse Polarity (Anode to Stud)
None = Stud Normal Polarity (Cathode to Stud)
5
-
Voltage code: Code x 10 = V
RRM
(See Voltage Ratings table)
6
-
A
= Essential Part Number only for 300U Series
None = 70U Series
NOTE: For longer lead Contact Factory
∆R
thJC Conduction
(The following table shows the increment of thermal resistence R
thJC
when devices operate at different conduction angles than DC)
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - 302U80A

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
302U SCHURTER-302U Datasheet
397Kb / 3P
   Power Cord with IEC Connector C13, Straight
logo
International Rectifier
302U010A IRF-302U010A Datasheet
182Kb / 7P
   STANDARD RECOVERY DIODES
302U020A IRF-302U020A Datasheet
182Kb / 7P
   STANDARD RECOVERY DIODES
302U030A IRF-302U030A Datasheet
182Kb / 7P
   STANDARD RECOVERY DIODES
302U040A IRF-302U040A Datasheet
182Kb / 7P
   STANDARD RECOVERY DIODES
More results

Similar Description - 302U80A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com