Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV4051PWDH Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LV4051PWDH
Description  8-channel analog multiplexer/demultiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4051PWDH Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LV4051PWDH Datasheet HTML 5Page - NXP Semiconductors 74LV4051PWDH Datasheet HTML 6Page - NXP Semiconductors 74LV4051PWDH Datasheet HTML 7Page - NXP Semiconductors 74LV4051PWDH Datasheet HTML 8Page - NXP Semiconductors 74LV4051PWDH Datasheet HTML 9Page - NXP Semiconductors 74LV4051PWDH Datasheet HTML 10Page - NXP Semiconductors 74LV4051PWDH Datasheet HTML 11Page - NXP Semiconductors 74LV4051PWDH Datasheet HTML 12Page - NXP Semiconductors 74LV4051PWDH Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Philips Semiconductors
Product specification
74LV4051
8-channel analog multiplexer/demultiplexer
1998 Jun 23
9
AC CHARACTERISTICS
GND = 0 V; tr = tf ≤ 2.5ns; CL = 50pF
CONDITION
LIMITS
SYMBOL
PARAMETER
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
SYMBOL
PARAMETER
VCC
(V)
OTHER
MIN
TYP1
MAX
MIN
MAX
UNIT
1.2
25
2.0
9
17
20
tPHL/tPLH
Propagation delay
2.7
RL = ∞ ;
CL =50 pF
6
13
15
ns
tPHL/tPLH
gy
Vis to Vos
3.0 to 3.6
CL = 50 pF
Figure 12
52
10
12
ns
4.5
Figure 12
4
9
10
6.0
3
8
8
1.2
145
2.0
RL =1kW ;
49
94
112
tPZH/tPZL
Turn-on time
2.7
RL 1kW
CL = 50 pF
36
69
83
ns
tPZH/tPZL
E to VOS
3.0 to 3.6
L
Figures 13
d1
282
55
66
ns
4.5
and 1
25
47
56
6.0
19
38
43
1.2
140
2.0
RL = 1kW;
48
90
107
tPZH/tPZL
Turn-on time
2.7
RL
1k
W
CL = 50 pF
35
66
79
ns
tPZH/tPZL
Sn to VOS
3.0 to 3.6
L
Figures 13
d1
272
53
63
ns
4.5
and 1
24
45
54
6.0
18
34
41
1.2
145
2.0
RL = 1kW
51
93
110
tPHZ/tPLZ
Turn-off time
2.7
RL = 1kW
CL = 50 pF
38
69
82
ns
tPHZ/tPLZ
E to VOS
3.0 to 3.6
Figures 13
and 1
302
56
66
ns
4.5
and 1
29
48
56
6.0
21
37
44
1.2
115
2.0
RL = 1kW
41
73
90
tPHZ/tPLZ
Turn-off time
2.7
RL = 1kW
CL = 50 pF
31
54
67
ns
tPHZ/tPLZ
Sn to VOS
3.0 to 3.6
Figures 13
and 1
242
44
54
ns
4.5
and 1
22
37
46
6.0
17
29
36
NOTES:
1.
Unless otherwise stated, all typical values are measured at Tamb = 25°C
2.
Typical values are measured at VCC = 3.3 V.


Similar Part No. - 74LV4051PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4051PW NXP-74LV4051PW Datasheet
161Kb / 26P
   8-channel analog multiplexer/demultiplexer
Rev. 04-10 August 2009
logo
Nexperia B.V. All right...
74LV4051PW NEXPERIA-74LV4051PW Datasheet
329Kb / 20P
   8-channel analog multiplexer/demultiplexer
Rev. 8 - 16 July 2021
74LV4051PW-Q100 NEXPERIA-74LV4051PW-Q100 Datasheet
289Kb / 18P
   8-channel analog multiplexer/demultiplexer
Rev. 1 - 16 July 2021
More results

Similar Description - 74LV4051PWDH

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
   8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051 Datasheet
259Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER / DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051 Datasheet
241Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4051D-T NXP-74HC4051D-T Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com