Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMP1009 Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # AMP1009
Description  MOTION-DETECTING SENSOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AMP1009 Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  AMP1009 Datasheet HTML 1Page - Nais(Matsushita Electric Works) AMP1009 Datasheet HTML 2Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
11
X-Y crross section
Y
3m
9.843ft
2
6.562
1
3.281
0
–1
–3.281
–2
–6.562
–3
–9.843
–4m
–13.123ft
1
3.281
2
6.562
3
9.843
4m
13.123ft
–1
–3.281
–2
–6.562
–3m
–9.843ft
X
47
°
25.4
°
47
°
5m
16.404ft
X
Y
5m
16.404ft
2.5m
8.202ft
2.5m
8.202ft
5m
16.404ft
5m
16.404ft
2.5m
8.202ft
2.5m
8.202ft
25.4
°
28.7
°
–28.7
°
0
°
0
°
TOP VIEW
SIDE VIEW
3. Electrical characteristics (Measuring conditions: ambient temp.: 25
°C 77°F; operating voltage: 5V)
Items
Rated operating voltage
Rated
consumption
current
Mask time*
Circuit stability time
Timer time
Standby
ON
Minimum
Typical
Maximum
Minimum
Typical
Maximum
Minimum
Typical
Maximum
Minimum
Typical
Maximum
Minimum
Typical
Maximum
Minimum
Typical
Maximum
Sym-
bol
Vdd
Iw
Ia
Tm
Twu
Td
Specified value
Measured conditions
2.6 V DC
5.5 V DC
Standard type: 200
µA; Low consumption current type: 12 µA
Standard type: 260
µA; Low consumption current type: 30 µA
Standard type: 560
µA; Low consumption current type: 96 µA
Standard type: 1,000
µA; Low consumption current type: 1,000 µA
Standard type: 1,250
µA; Low consumption current type: 1,200 µA
Standard type: 1,600
µA; Low consumption current type: 1,400 µA
0.8 s
1.3 s
1.8 s
15 s
30 s
45 s
5 s
10 s
15 s
When power is ON.
Externally mounted
resistor R set to 0 k
DETECTION PERFORMANCE
1. Standard sensitive type
[Timing chart]
Top view
Side view
Motion-Detecting Sensor (AMP)
AMP series
2002.10.23 7:57 PM
Page 11


Similar Part No. - AMP1009

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AMP101 ASTRODYNE-AMP101 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1011-02 ASTRODYNE-AMP1011-02 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1011-03 ASTRODYNE-AMP1011-03 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1011-04 ASTRODYNE-AMP1011-04 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1011-05 ASTRODYNE-AMP1011-05 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
More results

Similar Description - AMP1009

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EKMA PANASONIC-EKMA Datasheet
1Mb / 8P
   MOTION SENSOR
logo
Omron Electronics LLC
E2EY-X8C1 OMRON-E2EY-X8C1 Datasheet
304Kb / 5P
   Aluminum-detecting Proximity Sensor
logo
Telecommunication Elec...
TMS240 TELTRON-TMS240 Datasheet
883Kb / 2P
   microwave motion sensor
logo
TE Connectivity Ltd
2396399 TEC-2396399 Datasheet
298Kb / 1P
   MOTION STREETLIGHT SENSOR
Rev. A
logo
Mean Well Enterprises C...
PIR-045 MEANWELL-PIR-045 Datasheet
674Kb / 3P
   Photoelectric Motion Sensor
logo
Infineon Technologies A...
KMY10 INFINEON-KMY10 Datasheet
113Kb / 4P
   Microwave Motion Sensor
1999-04-01
logo
Telecommunication Elec...
TMS200 TELTRON-TMS200 Datasheet
850Kb / 2P
   microwave motion sensor
TMS300 TELTRON-TMS300 Datasheet
785Kb / 2P
   microwave motion sensor
TMS100 TELTRON-TMS100 Datasheet
883Kb / 2P
   microwave motion sensor
logo
Infineon Technologies A...
KMY24 INFINEON-KMY24 Datasheet
54Kb / 4P
   Microwave Motion Sensor
1999-04-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com