Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-CE12-Q0DDD Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HLMP-CE12-Q0DDD
Description  T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CE12-Q0DDD Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

  HLMP-CE12-Q0DDD Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CE12-Q0DDD Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CE12-Q0DDD Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CE12-Q0DDD Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-CE12-Q0DDD Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-CE12-Q0DDD Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-CE12-Q0DDD Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-CE12-Q0DDD Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-CE12-Q0DDD Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
www.agilent.com/semiconductors
For product information and a complete list of
distributors, please go to our web site.
For technical assistance call:
Americas/Canada: +1 (800) 235-0312 or
(916) 788-6763
Europe: +49 (0) 6441 92460
China: 10800 650 0017
Hong Kong: (+65) 6756 2394
India, Australia, New Zealand: (+65) 6755 1939
Japan: (+81 3) 3335-8152(Domestic/Interna-
tional), or 0120-61-1280(Domestic Only)
Korea: (+65) 6755 1989
Singapore, Malaysia, Vietnam, Thailand,
Philippines, Indonesia: (+65) 6755 2044
Taiwan: (+65) 6755 1843
Data subject to change.
Copyright © 2004 Agilent Technologies, Inc.
December 7, 2004
5989-1022EN


Similar Part No. - HLMP-CE12-Q0DDD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CE12-X1000 AVAGO-HLMP-CE12-X1000 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CE12-X10DD AVAGO-HLMP-CE12-X10DD Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CE12-X10XX AVAGO-HLMP-CE12-X10XX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
More results

Similar Description - HLMP-CE12-Q0DDD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CE15 HP-HLMP-CE15 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CE23 HP-HLMP-CE23 Datasheet
158Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CWXX HP-HLMP-CWXX Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW46 AVAGO-HLMP-CW46 Datasheet
94Kb / 8P
   T-1 쩐 (5mm) Extra Bright Precision Optical Performance White LED Lamps.
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
logo
Broadcom Corporation.
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com