Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2V28S40ATP-7 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M2V28S40ATP-7
Description  128M Synchronous DRAM
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M2V28S40ATP-7 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M2V28S40ATP-7 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M2V28S40ATP-7 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M2V28S40ATP-7 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M2V28S40ATP-7 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M2V28S40ATP-7 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M2V28S40ATP-7 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M2V28S40ATP-7 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M2V28S40ATP-7 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M2V28S40ATP-7 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
M2V28S20ATP -6,-6L,-7,-7L,-8,-8L
M2V28S30ATP -6,-6L,-7,-7L,-8,-8L
M2V28S40ATP -6,-6L,-7,-7L,-8,-8L
Nov. '99
MITSUBISHI LSIs
SDRAM (Rev. 1.0E)
128M Synchronous DRAM
(4-BANK x 8,388,608-WORD x 4-BIT)
(4-BANK x 4,194,304-WORD x 8-BIT)
(4-BANK x 2,097,152-WORD x 16-BIT)
MITSUBISHI ELECTRIC
3
BLOCK DIAGRAM
Type Designation Code
M2 V 28 S 3 0 A TP -8
Access Item
Package Type
Process Generation
Interface
V : LVTTL
Organization
2: x4, 3: x8, 4: x16
Synchronous DRAM
Density
28 : 128Mbit
Function
Mitsubishi DRAM
These rules are only applied to the Synchronous DRAM family.
Note : This figure shows the M2V28S30ATP.
The M2V28S20ATP configration is 4096x2048x4 of cell array and DQ 0-3.
The M2V28S40ATP configration is 4096x512x16 of cell array and DQ 0-15.
Address Buffer
A0-11
BA0,1
Control Signal Buffer
/CS
/RAS
/CAS
/WE
CLK
CKE
Clock Buffer
Control Circuitry
I/O Buffer
DQ0-7
Mode
Register
DQM
Memory Array
Bank #0
4096 x1024 x8
Cell Array
Memory Array
Bank #1
4096 x1024 x8
Cell Array
Memory Array
Bank #2
4096 x1024 x8
Cell Array
Memory Array
Bank #3
4096 x1024 x8
Cell Array
-6 : 7.5ns (PC133/3-3-3),
-7 : 10ns(PC100/2-2-2),
-8 : 10ns(PC100/3-2-2)
TP : TSOP(II)
A : 2nd. gen.
0 : Random Column


Similar Part No. - M2V28S40ATP-7

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M2V28S40TP-7 MITSUBISHI-M2V28S40TP-7 Datasheet
711Kb / 52P
   128M Synchronous DRAM
M2V28S40TP-7L MITSUBISHI-M2V28S40TP-7L Datasheet
711Kb / 52P
   128M Synchronous DRAM
M2V28S40TP-8 MITSUBISHI-M2V28S40TP-8 Datasheet
711Kb / 52P
   128M Synchronous DRAM
M2V28S40TP-8L MITSUBISHI-M2V28S40TP-8L Datasheet
711Kb / 52P
   128M Synchronous DRAM
More results

Similar Description - M2V28S40ATP-7

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M2V28S20TP MITSUBISHI-M2V28S20TP Datasheet
711Kb / 52P
   128M Synchronous DRAM
M2S28D20ATP MITSUBISHI-M2S28D20ATP Datasheet
1Mb / 36P
   128M Double Data Rate Synchronous DRAM
logo
NEC
UPD45128441 NEC-UPD45128441 Datasheet
1Mb / 92P
   128M-bit Synchronous DRAM 4-bank, LVTTL
logo
Elpida Memory
UPD45128163-E ELPIDA-UPD45128163-E Datasheet
932Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL
UPD45128163-A75L ELPIDA-UPD45128163-A75L Datasheet
821Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL
logo
Etron Technology, Inc.
EM68C08CWAE-18IH ETRON-EM68C08CWAE-18IH Datasheet
487Kb / 58P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C128M8D2-25BIN ALSC-AS4C128M8D2-25BIN Datasheet
2Mb / 59P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
AS4C8M16SA-6BAN ALSC-AS4C8M16SA-6BAN Datasheet
1Mb / 55P
   128M ??(8M x 16 bit) Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM68C08CWAE-18H ETRON-EM68C08CWAE-18H Datasheet
512Kb / 63P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
EM68C08CWAG-18H ETRON-EM68C08CWAG-18H Datasheet
1Mb / 63P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com