Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT75-22AS8DC6V0.725.0 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NT75-22AS8DC6V0.725.0
Description  Low coil consumption. / Switching capacity up to 16A.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT75-22AS8DC6V0.725.0 Datasheet(HTML) 2 Page - DB Lectro Inc

  NT75-22AS8DC6V0.725.0 Datasheet HTML 1Page - DB Lectro Inc NT75-22AS8DC6V0.725.0 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation condition
Insulation Resistance
500M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between
contact and coil
50Hz 1000V
50Hz 4000V
Item 6
of IEC255-5
Item 6
of IEC255-5
Shock resistance
100m/s
2
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz
double amplitude
1.5mm
IEC68-2-6
Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
’x2’
3
x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~70
’
Relative Humidity
85% (at 40
’)
IEC68-2-3Test Ca
Mass
11g
12g(NT75-2)
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Safety approvals
Safety approval
T
üV
Load
16A/250VAC 30VDC
Dimensions (Unit: mm)
Reference Data
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
NT75-1 & NT75-2
Dimensions
Wiring diagram
(Bottom views)
mm
>àçÇá
0.4
0.016
0.5
0.020
1.0
0.039
1.3
0.051
1.5
0.059
3.5
0.138
5.0
0.197
7.5
0.295
12.5
0.492
15
0.591
20
0.787
28.5
1.122
L:3.5mm or 5.0mm
Mounting (Bottom views)
www.dblectro.com


Similar Part No. - NT75-22AS8DC6V0.725.0

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
NT75-22A HUAXINAN-NT75-22A Datasheet
421Kb / 1P
   Small size, light weight
More results

Similar Description - NT75-22AS8DC6V0.725.0

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT76 DBLECTRO-NT76_05 Datasheet
538Kb / 2P
   Switching capacity up to 16A
NG5N DBLECTRO-NG5N Datasheet
98Kb / 2P
   Switching capacity up to 5A. / Low coil power consumption 0.2W.
NT75 DBLECTRO-NT75 Datasheet
479Kb / 2P
   Switching capacity up to 16A.
NT76 DBLECTRO-NT76 Datasheet
460Kb / 2P
   Super light in weight. / Switching capacity up to 16A.
logo
CIT Relay & Switch
J114AF CIT-J114AF Datasheet
105Kb / 3P
   Switching capacity 16A
J114FL CIT-J114FL Datasheet
104Kb / 4P
   Switching capacity 16A
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
   Switching capacity up to 10A
logo
DB Lectro Inc
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
   Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
   Switching capacity up to 25A
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
   Switching capacity up to 20A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com