Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M32174F4VFP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M32174F4VFP
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M32174F4VFP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M32174F4VFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M32174F4VFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M32174F4VFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M32174F4VFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M32174F4VFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M32174F4VFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M32174F4VFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M32174F4VFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M32174F4VFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
Mitsubishi Microcomputers
6
2001-5-14 Rev.1.0
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
32170 Group, 32174 Group
Table 4 Outline Performance (2/2)
Function Block
Features
Clock
Maximum internal CPU memory clock : 40MHz (access to CPU, internal ROM, and internal RAM)
Maximum internal peripheral clock : 20MHz (access to internal peripheral module)
Maximum external input clock : 10.0MHz, Built-in multiply-by-4 PLL circuit
Power Supply Voltage
External I/O : 5V (
±0.5V) or 3.3V (±0.3V)
Internal logic : 3.3V (
±0.3V)
Operating temperature rang
-40 to +125
°C(Internal CPU memory clock 32MHz, internal peripheral clock 16MHz)
-40 to +85
°C(Internal CPU memory clock 40MHz, internal peripheral clock 20MHz)
Package
0.5mm pitches / 240-pin plastic QFP, 0.8mm pitches / 255-pin FBGA (Note)
Note: 255-pin FBGA is currently under development.


Similar Part No. - M32174F4VFP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M3217 ETC2-M3217 Datasheet
293Kb / 2P
   Straight-Thru, PG Hubs with Integral Sealing Ring
logo
Heyco.
M3217 HEYCO-M3217 Datasheet
268Kb / 1P
   Tite Liquid Tight Cordgrips
logo
Renesas Technology Corp
M32170T-PTC RENESAS-M32170T-PTC Datasheet
165Kb / 1P
   Converter for In-circuit Connection (for 32170, 32174 Group)
logo
Mitsubishi Electric Sem...
M32171F2VFP MITSUBISHI-M32171F2VFP Datasheet
375Kb / 37P
   SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER??????
logo
Renesas Technology Corp
M32171F2VFP RENESAS-M32171F2VFP Datasheet
3Mb / 772P
   32-BIT RISC SINGLE-CHIP MICROCOMPUTER M32R FAMILY / M32R/ECU SERIES
More results

Similar Description - M32174F4VFP

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C33401 EPSON-S1C33401 Datasheet
219Kb / 12P
   CMOS 32-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32000D3FP MITSUBISHI-M32000D3FP Datasheet
565Kb / 45P
   SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER???
M32171F4VFP MITSUBISHI-M32171F4VFP Datasheet
375Kb / 37P
   SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER??????
M32000D4 MITSUBISHI-M32000D4 Datasheet
535Kb / 45P
   SINGLE CHIP 32 BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXR702080 SONY-CXR702080 Datasheet
302Kb / 32P
   CMOS 32-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32000D4BFP-80 MITSUBISHI-M32000D4BFP-80 Datasheet
448Kb / 44P
   SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER????
logo
Sony Corporation
CXR702F080 SONY-CXR702F080 Datasheet
298Kb / 32P
   CMOS 32-bit Single Chip Microcomputer
CXR704060 SONY-CXR704060 Datasheet
426Kb / 45P
   CMOS 32-bit Single Chip Microcomputer
logo
Renesas Technology Corp
32C80 RENESAS-32C80 Datasheet
542Kb / 60P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C84 RENESAS-32C84 Datasheet
760Kb / 89P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com