Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2286UP Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2286UP
Description  Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2286UP Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2286UP Datasheet HTML 5Page - Linear Technology LTC2286UP Datasheet HTML 6Page - Linear Technology LTC2286UP Datasheet HTML 7Page - Linear Technology LTC2286UP Datasheet HTML 8Page - Linear Technology LTC2286UP Datasheet HTML 9Page - Linear Technology LTC2286UP Datasheet HTML 10Page - Linear Technology LTC2286UP Datasheet HTML 11Page - Linear Technology LTC2286UP Datasheet HTML 12Page - Linear Technology LTC2286UP Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTC2288/LTC2287/LTC2286
9
228876f
LTC2287: IOVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB,
OVDD = 1.8V
LTC2287: IVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2287: SFDR vs Input Level,
fIN = 5MHz, 2V Range, 40Msps
LTC2286: Typical INL,
2V Range, 25Msps
LTC2286: Typical DNL,
2V Range, 25Msps
LTC2286: 8192 Point FFT,
fIN = 5MHz, –1dB, 2V Range,
25Msps
LTC2287: SFDR vs Input Frequency,
–1dB, 2V Range, 40Msps
LTC2287: SNR and SFDR vs
Sample Rate, 2V Range,
fIN = 5MHz, –1dB
LTC2287: SNR vs Input Level,
fIN = 5MHz, 2V Range, 40Msps
SAMPLE RATE (Msps)
0
40
228876 G30
10
20
30
50
100
90
80
70
60
2V RANGE
1V RANGE
SAMPLE RATE (Msps)
0
4
6
40
228876 G31
2
0
10
20
30
50
8
INPUT FREQUENCY (MHz)
0
85
90
100
150
228876 G26
80
75
50
100
200
70
65
95
SAMPLE RATE (Msps)
0
80
90
100
80
228876 G27
70
60
50
10
20
30
40
50
60
70
SFDR
SNR
INPUT LEVEL (dBFS)
–60
30
40
50
–30
–10
228876 G28
20
10
0
–50
–40
dBFS
dBc
–20
60
70
80
0
INPUT LEVEL (dBFS)
–60
0
20
40
60
80
120
–50
–40
–30
dBFS
dBc
–20
228876 G29
–10
0
100
10
30
50
70
110
90
80dBc SFDR
REFERENCE LINE
CODE
0
0
0.25
0.50
1024
228876 G32
–0.25
–0.50
–1.00
256
512
768
–0.75
1.00
0.75
CODE
0
0
0.25
0.50
1024
228876 G33
–0.25
–0.50
–1.00
256
512
768
–0.75
1.00
0.75
FREQUENCY (MHz)
0
–80
–20
–10
0
4
8
10
228876 G34
–100
–110
–40
–60
–90
–30
–120
–50
–70
2
6
12


Similar Part No. - LTC2286UP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2286 LINER-LTC2286_15 Datasheet
964Kb / 28P
   Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
More results

Similar Description - LTC2286UP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2287 LINER-LTC2287_15 Datasheet
964Kb / 28P
   Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2236 LINER-LTC2236_15 Datasheet
703Kb / 28P
   10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2286 LINER-LTC2286_15 Datasheet
964Kb / 28P
   Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2288 LINER-LTC2288_15 Datasheet
964Kb / 28P
   Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2238 LINER-LTC2238_15 Datasheet
703Kb / 28P
   10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2238 LINER-LTC2238 Datasheet
697Kb / 28P
   10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2237 LINER-LTC2237_15 Datasheet
703Kb / 28P
   10-Bit, 65/40/25Msps Low Noise 3V ADCs
LTC2298 LINER-LTC2298 Datasheet
704Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2297 LINER-LTC2297_15 Datasheet
791Kb / 28P
   Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
LTC2293 LINER-LTC2293 Datasheet
1,021Kb / 28P
   Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com