Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28C64X-15JC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT28C64X-15JC
Description  64K (8K x 8) CMOS E2PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C64X-15JC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT28C64X-15JC Datasheet HTML 2Page - ATMEL Corporation AT28C64X-15JC Datasheet HTML 3Page - ATMEL Corporation AT28C64X-15JC Datasheet HTML 4Page - ATMEL Corporation AT28C64X-15JC Datasheet HTML 5Page - ATMEL Corporation AT28C64X-15JC Datasheet HTML 6Page - ATMEL Corporation AT28C64X-15JC Datasheet HTML 7Page - ATMEL Corporation AT28C64X-15JC Datasheet HTML 8Page - ATMEL Corporation AT28C64X-15JC Datasheet HTML 9Page - ATMEL Corporation AT28C64X-15JC Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Symbol
Parameter
Min
Max
Units
tAS, tOES
Address, OE Set-up Time
10
ns
tAH
Address Hold Time
50
ns
tWP
Write Pulse Width (WE or CE)
100
1000
ns
tDS
Data Set-up Time
50
ns
tDH, tOEH
Data, OE Hold Time
10
ns
tCS, tCH
CE to WE and WE to CE Set-up and Hold Time
0
ns
tDB
Time to Device Busy
50
ns
tWC
Write Cycle Time
AT28C64
1.0
ms
AT28C64E
200
µs
AC Write Characteristics
AC Write Waveforms
WE Controlled
CE Controlled
2-198
AT28C64/X


Similar Part No. - AT28C64X-15JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C64X ATMEL-AT28C64X_14 Datasheet
324Kb / 12P
   Fast Read Access Time
More results

Similar Description - AT28C64X-15JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28BV64 ATMEL-AT28BV64 Datasheet
410Kb / 8P
   64K 8K x 8 Battery-Voltage CMOS E2PROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
28C64A MICROCHIP-28C64A Datasheet
67Kb / 8P
   64K (8K x 8) CMOS EEPROM
1996
28C64A MICROCHIP-28C64A_04 Datasheet
131Kb / 10P
   64K (8K x 8) CMOS EEPROM
2004
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
logo
Sharp Corporation
LH5164ASH SHARP-LH5164ASH Datasheet
82Kb / 10P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com