Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P10NK60ZFP Datasheet(PDF) 1 Page - STMicroelectronics

Part # P10NK60ZFP
Description  N-channel 600V - 0.65OHM - 10A - I2/D2PAK - TO-220/FP - TO-247 Zener-protected SuperMESH TM Power MOSFET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P10NK60ZFP Datasheet(HTML) 1 Page - STMicroelectronics

  P10NK60ZFP Datasheet HTML 1Page - STMicroelectronics P10NK60ZFP Datasheet HTML 2Page - STMicroelectronics P10NK60ZFP Datasheet HTML 3Page - STMicroelectronics P10NK60ZFP Datasheet HTML 4Page - STMicroelectronics P10NK60ZFP Datasheet HTML 5Page - STMicroelectronics P10NK60ZFP Datasheet HTML 6Page - STMicroelectronics P10NK60ZFP Datasheet HTML 7Page - STMicroelectronics P10NK60ZFP Datasheet HTML 8Page - STMicroelectronics P10NK60ZFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Rev 1
July 2005
1/19
19
STB10NK60Z/-1 - STP10NK60Z/FP
STW10NK60Z
N-CHANNEL 600V-0.65
Ω-10A - TO220/FP-D²/I²PAK-TO-247
Zener-Protected SuperMESH™ MOSFET
General features
s
TYPICAL RDS(on) = 0.65
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
GATE CHARGE MINIMIZED
s
VERY LOW INTRINSIC CAPACITANCES
s
VERY GOOD MANUFACTURING
REPEABILITY
Description
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
strip-based PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt
capability for the most demanding applications.
Such series complements ST full range of high
voltage
MOSFETs
including
revolutionary
MDmesh™ products.
Applications
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
IDEAL FOR OFF-LINE POWER SUPPLIES,
ADAPTOR AND PFC
s
LIGHTING
Package
Internal schematic diagram
Type
VDSS
RDS(on)
ID
Pw
STB10NK60Z
STB10NK60Z-1
STP10NK60ZFP
STP10NK60Z
STW10NK60Z
600 V
600 V
600 V
600 V
600 V
<0.75
<0.75
<0.75
<0.75
<0.75
10 A
10 A
10 A
10 A
10 A
115
115
35
115
156
1
2
3
1
2
3
1
2
3
1
3
1
2
3
TO-220
TO-220FP
TO-247
I²PAK
D²PAK
www.st.com


Similar Part No. - P10NK60ZFP

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
P10NK60ZFP VBSEMI-P10NK60ZFP Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - P10NK60ZFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB10NK60Z STMICROELECTRONICS-STB10NK60Z_06 Datasheet
492Kb / 19P
   N-channel 600V - 0.65廓 - 10A - I2/D2PAK - TO-220/FP - TO-247 Zener-protected SuperMESH??Power MOSFET
STP14NK60Z STMICROELECTRONICS-STP14NK60Z Datasheet
672Kb / 17P
   N-CHANNEL 600V-0.45ohm-13.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH Power MOSFET
STP13NK60Z STMICROELECTRONICS-STP13NK60Z Datasheet
657Kb / 14P
   N-CHANNEL 600V-0.48ohm-13A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STB9NK90Z STMICROELECTRONICS-STB9NK90Z Datasheet
577Kb / 16P
   N-CHANNEL 900V - 1.1Ohm - 8A - TO-220/FP-D2PAK-TO-247 Zener-Protected SuperMESH MOSFET
STP14NK50Z STMICROELECTRONICS-STP14NK50Z_06 Datasheet
626Kb / 19P
   N-channel 500V - 0.34OHM - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH Power MOSFET
STP15NK50Z STMICROELECTRONICS-STP15NK50Z_07 Datasheet
505Kb / 19P
   N-channel 500V - 0.30廓 - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
STP9NK70Z STMICROELECTRONICS-STP9NK70Z Datasheet
664Kb / 14P
   N-CHANNEL 700V - 1ohm - 7.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
April 2002
STP14NK50Z STMICROELECTRONICS-STP14NK50Z Datasheet
673Kb / 14P
   N-CHANNEL 500V-0.34ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
March 2003
STP9NK60Z STMICROELECTRONICS-STP9NK60Z Datasheet
581Kb / 13P
   N-CHANNEL 600V - 0.85ohm - 7A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH?줡ower MOSFET
June 2002
STP15NK50Z STMICROELECTRONICS-STP15NK50Z Datasheet
672Kb / 14P
   N-CHANNEL500V-0.30ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com