Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV393 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LV393
Description  Dual 4-bit binary ripple counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV393 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LV393 Datasheet HTML 3Page - NXP Semiconductors 74LV393 Datasheet HTML 4Page - NXP Semiconductors 74LV393 Datasheet HTML 5Page - NXP Semiconductors 74LV393 Datasheet HTML 6Page - NXP Semiconductors 74LV393 Datasheet HTML 7Page - NXP Semiconductors 74LV393 Datasheet HTML 8Page - NXP Semiconductors 74LV393 Datasheet HTML 9Page - NXP Semiconductors 74LV393 Datasheet HTML 10Page - NXP Semiconductors 74LV393 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74LV393
Dual 4-bit binary ripple counter
1998 Jun 10
7
AC WAVEFORMS
VM = 1.5V at VCC w 2.7V
VM = 0.5 * VCC at VCC t 2.7V
VOL and VOH are the typical output voltage drop that occur with the
output load.
SV00678
VM
nCP INPUT
VCC
GND
VOH
VOL
nQn OUTPUT
VM
tPLH
tPHL
1/fmax
Figure 1. Clock (nCP) to output (1Qn, 2Qn) propagation delays,
the clock pulse width, and the maximum clock frequency
SV00679
VM
nMR INPUT
nCP INPUT
VCC
VCC
GND
GND
VOL
VOH
nQn OUTPUT
VM
VM
trem
tPHL
tW
Figure 2. Master reset (nMR) pulse width,
the master reset to output (Qn) propagation delays,
and the master reset to clock (nCP) removal time
TEST CIRCUIT
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
RL = 1k
VCC
Test Circuit for switching times
DEFINITIONS
VCC
VI
< 2.7V
VCC
TEST
tPLH/tPHL
RT = Termination resistance should be equal to ZOUT of pulse generators.
50pF
SV00901
RL = Load resistor
CL = Load capacitance includes jig and probe capacitance
2.7–3.6V
2.7V
Figure 3. Load circuitry for switching times


Similar Part No. - 74LV393

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV393 NEXPERIA-74LV393 Datasheet
235Kb / 13P
   Dual 4-bit binary ripple counter
Rev. 6 - 19 March 2021
74LV393-Q100 NEXPERIA-74LV393-Q100 Datasheet
746Kb / 16P
   Dual 4-bit binary ripple counter
74LV393D NEXPERIA-74LV393D Datasheet
235Kb / 13P
   Dual 4-bit binary ripple counter
Rev. 6 - 19 March 2021
74LV393D-Q100 NEXPERIA-74LV393D-Q100 Datasheet
746Kb / 16P
   Dual 4-bit binary ripple counter
74LV393PW NEXPERIA-74LV393PW Datasheet
235Kb / 13P
   Dual 4-bit binary ripple counter
Rev. 6 - 19 March 2021
More results

Similar Description - 74LV393

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC393 ONSEMI-MC74VHC393 Datasheet
172Kb / 8P
   Dual 4-Bit Binary Ripple Counter
REV 0
logo
NXP Semiconductors
74HC393 NXP-74HC393 Datasheet
164Kb / 21P
   Dual 4-bit binary ripple counter
Rev. 4-16 May 2013
logo
Nexperia B.V. All right...
74HC393-Q100 NEXPERIA-74HC393-Q100 Datasheet
734Kb / 20P
   Dual 4-bit binary ripple counter
74HCT393-Q100 NEXPERIA-74HCT393-Q100 Datasheet
267Kb / 1P
   Dual 4-bit binary ripple counter
Rev. 3 - 22 October 2021
logo
NXP Semiconductors
74HC393 PHILIPS-74HC393 Datasheet
46Kb / 7P
   Dual 4-bit binary ripple counter
December 1990
74F393 PHILIPS-74F393 Datasheet
75Kb / 8P
   Dual 4-bit binary ripple counter
1988 Nov 01
logo
Nexperia B.V. All right...
74LV393-Q100 NEXPERIA-74LV393-Q100 Datasheet
746Kb / 16P
   Dual 4-bit binary ripple counter
logo
List of Unclassifed Man...
74HC393 ETC1-74HC393 Datasheet
216Kb / 5P
   DUAL 4-BIT BINARY RIPPLE COUNTER
logo
Nexperia B.V. All right...
74LV393 NEXPERIA-74LV393 Datasheet
235Kb / 13P
   Dual 4-bit binary ripple counter
Rev. 6 - 19 March 2021
74HC393 NEXPERIA-74HC393 Datasheet
268Kb / 15P
   Dual 4-bit binary ripple counter
Rev. 8 - 22 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com