Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M68732H Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M68732H
Description  SILICON MOS FET POWER AMPLIFIER, 450-470MHz, 7W, FM PORTABLE RADIO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M68732H Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M68732H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M68732H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SILICON MOS FET POWER AMPLIFIER, 450-470MHz, 7W, FM PORTABLE RADIO
M68732H
MITSUBISHI RF POWER MODULE
Nov. ´97
OUTPUT POWER, TOTAL EFFICIENCY
VS. SUPPLY VOLTAGE
SUPPLY VOLTAGE VDD (V)
85
55
35
15
3
5
7
9
45
25
14
8
6
4
2
0
OUTPUT POWER, TOTAL EFFICIENCY
VS. GATE VOLTAGE
GATE VOLTAGE VGG (V)
100
80
40
0
0
0.5
1.5
2.5
3.5
4
60
20
10
8
6
4
2
0
OUTPUT POWER, TOTAL EFFICIENCY
VS. INPUT POWER
INPUT POWER Pin (dBm)
90
70
30
0
-10
-5
0
5
10
20
VGG=3.5V, VDD=7.2V
50
10
9
8
6
4
2
0
TYPICAL PERFORMANCE DATA
OUTPUT POWER, INPUT VSWR,
TOTAL EFFICIENCY VS. FREQUENCY
FREQUENCY f (MHz)
70
60
40
20
440
450
460
470
480
VGG=3.5V, VDD=7.2V, Pin=17dBm
50
30
10
8
6
4
2
0
75
12
4
6
8
65
45
55
35
25
9
7
5
3
1
ηT
PO
ρin
7
5
3
1
80
40
60
20
15
PO;470MHz
PO;450MHz
ηT;450MHz
ηT;470MHz
1
2
3
90
50
70
30
9
7
5
3
10
1
7
5
3
1
10
9
13
11
50
30
40
20
65
60
80
70
ηT;470MHz
ηT;450MHz
PO;450MHz
VDD=7.2V, Pin=17dBm
PO;470MHz
VGG=3.5V, Pin=17dBm
PO;470MHz
PO;450MHz
ηT;450MHz
ηT;470MHz


Similar Part No. - M68732H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M68732HA MITSUBISHI-M68732HA Datasheet
97Kb / 2P
   SILICON MOS FET POWER AMPLIFIER, 440-490MHz, 7W, FM PORTABLE
More results

Similar Description - M68732H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M67799UHA MITSUBISHI-M67799UHA Datasheet
14Kb / 1P
   SILICON MOS FET POWER AMPLIFIER, 470-490MHz, 7W, FM PORTABLE RADIO
M68732UL MITSUBISHI-M68732UL Datasheet
11Kb / 1P
   SILICON MOS FET POWER AMPLIFIER, 380-400MHz, 7W, FM PORTABLE RADIO
M68731H MITSUBISHI-M68731H Datasheet
28Kb / 3P
   SILICON MOS FET POWER AMPLIFIER, 150-175MHz, 7W, FM PORTABLE RADIO
M68732UH MITSUBISHI-M68732UH Datasheet
11Kb / 1P
   SILICON MOS FET POWER AMPLIFIER, 470-490MHz, 7W, FM PORTABLE RADIO
M68732L MITSUBISHI-M68732L Datasheet
25Kb / 2P
   SILICON MOS FET POWER AMPLIFIER, 400-430MHz, 7W, FM PORTABLE RADIO
M68739M MITSUBISHI-M68739M Datasheet
13Kb / 1P
   SILICON MOS FET POWER AMPLIFIER, 155-168MHz, 7W, FM PORTABLE RADIO
M68732SH MITSUBISHI-M68732SH Datasheet
22Kb / 2P
   SILICON MOS FET POWER AMPLIFIER, 490-512MHz, 7W, FM PORTABLE RADIO
M68731N MITSUBISHI-M68731N Datasheet
22Kb / 2P
   SILICON MOS FET POWER AMPLIFIER, 142-163MHz, 7W, FM PORTABLE RADIO
M67799SHA MITSUBISHI-M67799SHA Datasheet
30Kb / 2P
   SILICON MOS FET POWER AMPLIFIER, 490-512MHz, 7W, FM PORTABLE RADIO
M68732SL MITSUBISHI-M68732SL Datasheet
11Kb / 1P
   SILICON MOS FET POWER AMPLIFIER, 330-380MHz, 7W, FM PORTABLE RADIO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com