Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTQA430033P2AD Datasheet(PDF) 9 Page - Texas Instruments

Part # PTQA430033P2AD
Description  100-W 48-V INPUT ISOLATED DC/DC CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTQA430033P2AD Datasheet(HTML) 9 Page - Texas Instruments

Back Button PTQA430033P2AD Datasheet HTML 5Page - Texas Instruments PTQA430033P2AD Datasheet HTML 6Page - Texas Instruments PTQA430033P2AD Datasheet HTML 7Page - Texas Instruments PTQA430033P2AD Datasheet HTML 8Page - Texas Instruments PTQA430033P2AD Datasheet HTML 9Page - Texas Instruments PTQA430033P2AD Datasheet HTML 10Page - Texas Instruments PTQA430033P2AD Datasheet HTML 11Page - Texas Instruments PTQA430033P2AD Datasheet HTML 12Page - Texas Instruments PTQA430033P2AD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.ti.com
Differential Remote Sense
Using the Remote On/Off Function on the PTQA4300xx Series of DC/DC Converters
Negative Output Enable (NEN)
PTQA430025, PTQA430033
SLTS261 – MAY 2006
The remote sense pins allows the converter to precisely regulate the DC output voltage at a remote location.
This might be a power plane on an inner layer of the host PCB. Connecting Sense(+) directly to +VO, and
Sense(–) to –VO will improve output voltage accuracy. In the event that the sense pins are left open-circuit, an
internal 10-
Ω resistor between each sense pin and its corresponding output prevents an excessive rise in the
output voltage. For practical reasons, the amount of IR voltage compensation should be limited to 0.5 V
maximum.
The remote sense feature is designed to compensate for limited amounts of IR voltage drop. It is not intended to
compensate for the forward drop of a non-linear or frequency dependent components that may be placed in
series with the converter output. Examples of such components include OR-ing diodes, filter inductors, ferrite
beads, and fuses. Enclosing these components with the remote sense connections effectively places them
inside the regulation control loop, which can affect the stability of the regulator.
For applications requiring output voltage On/Off control, the PTQA4300xx series of DC/DC converters
incorporate a Remote On/Off control (pin 2). This feature can be used to switch the module off without removing
the applied input source voltage. When placed in the Off state, the standby current drawn from the input source
is typically reduced to 3 mA.
Models using the negative enable option, the Remote On/Off (pin 2) control must be driven to a logic low voltage
for the converter to produce an output. This is accomplished by either permanently connecting pin 2 to –VI (pin
3), or driving it low with an external control signal. Table 1 shows the input requirements of pin 2 for those
modules with the NEN option.
Table 1. On/Off Control Requirements
for Negative Enable
PARAMETER
MIN
TYP
MAX
VIH
Enable
2.4 V
20 V
VIL
Disable
–0.2 V
0.8 V
Vo/c
Open-Circuit
9 V
15 V
II
Pin 2 at –VI
–0.75 mA
9
Submit Documentation Feedback


Similar Part No. - PTQA430033P2AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTQA430033P2AD TI-PTQA430033P2AD Datasheet
506Kb / 18P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
More results

Similar Description - PTQA430033P2AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTQA430025_0612 TI-PTQA430025_0612 Datasheet
506Kb / 18P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
PT3401C TI-PT3401C Datasheet
285Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com