Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1308 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # TDA1308
Description  CLASS AB STEREO HEADPHONE DRIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

TDA1308 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  TDA1308 Datasheet HTML 1Page - Silan Microelectronics Joint-stock TDA1308 Datasheet HTML 2Page - Silan Microelectronics Joint-stock TDA1308 Datasheet HTML 3Page - Silan Microelectronics Joint-stock TDA1308 Datasheet HTML 4Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Silan
Semiconductors
SC1308L
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.18
2
ELECTRICAL CHARACTERISTICS (Tamb=25°C, unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Single power supply
2
3
4
Dual power supply
VDD
+1.0
+1.5
+2.0
V
Single power supply
0
0
0
Dual power supply
VSS
-1.0
-1.5
-2.0
V
Supply current
IDD
No load VDD=3V
--
2
--
mA
Power dissipation
PD
No load VDD=3V
15
mW
VDD=1.8V
--
4
--
THD=0.15%
VDD=3V
--
15
--
VDD=1.8V
--
5
--
Maximum output power
PO
THD=3%
VDD=3V
--
20
--
mW
VO(p-p)=2V
0.03
0.06
Total harmonic distortion
THD
VO(p-p)=2V , RL=5K
0.001
%
Single-to-noise ratio
S/N
100
110
dB
70
Channel separation
CS
RL=5K Ohms
105
dB
Power supply ripple
rejection
PSRR
F=100Hz,Vripple(p-p)=100mV
90
dB
PIN DESCRIPTION
PIN No.
Symbol
I/O
Description
1
OUT1
O
Output pin 1
2
IN1-
I
Inverting input pin 1
3
IN1+
I
Non-inverting input pin 1
4VSS
--
Negative power supply
5
IN2+
I
Non-inverting input pin 2
6
IN2-
I
Inverting input pin 2
7
OUT2
O
Output pin 2
8VDD
--
Positive power supply


Similar Part No. - TDA1308

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308 Datasheet
197Kb / 12P
   Class AB stereo headphone driver
August 1994
TDA1308 PHILIPS-TDA1308 Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
TDA1308 NXP-TDA1308 Datasheet
117Kb / 19P
   Class-AB stereo headphone driver
Rev. 04-25 January 2007
TDA1308A PHILIPS-TDA1308A Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
TDA1308A NXP-TDA1308A Datasheet
117Kb / 19P
   Class-AB stereo headphone driver
Rev. 04-25 January 2007
More results

Similar Description - TDA1308

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
   Class AB stereo headphone driver
logo
Anpec Electronics Corop...
APA2308 ANPEC-APA2308 Datasheet
532Kb / 12P
   Class AB Stereo Headphone Driver
logo
Bookly Micro electronic
CM8608 BOOKLY-CM8608 Datasheet
198Kb / 7P
   Class AB Stereo Headphone Driver
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308 Datasheet
197Kb / 12P
   Class AB stereo headphone driver
August 1994
TDA1308A PHILIPS-TDA1308A Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
TDA1308 PHILIPS-TDA1308_15 Datasheet
584Kb / 17P
   Class-AB stereo headphone driver
Rev. 5-14 March 2011
TDA1308 NXP-TDA1308 Datasheet
117Kb / 19P
   Class-AB stereo headphone driver
Rev. 04-25 January 2007
logo
Unisonic Technologies
PA2308 UTC-PA2308 Datasheet
245Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER
PA2308 UTC-PA2308_15 Datasheet
248Kb / 5P
   CLASS AB STEREO HEADPHONE DRIVER
3541 UTC-3541_12 Datasheet
201Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com