Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTQA430033N2AD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PTQA430033N2AD
Description  100-W 48-V INPUT ISOLATED DC/DC CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTQA430033N2AD Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTQA430033N2AD Datasheet HTML 6Page - Texas Instruments PTQA430033N2AD Datasheet HTML 7Page - Texas Instruments PTQA430033N2AD Datasheet HTML 8Page - Texas Instruments PTQA430033N2AD Datasheet HTML 9Page - Texas Instruments PTQA430033N2AD Datasheet HTML 10Page - Texas Instruments PTQA430033N2AD Datasheet HTML 11Page - Texas Instruments PTQA430033N2AD Datasheet HTML 12Page - Texas Instruments PTQA430033N2AD Datasheet HTML 13Page - Texas Instruments PTQA430033N2AD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
www.ti.com
Positive Output Enable (PEN)
PTQA430025, PTQA430033
SLTS261 – MAY 2006
For those models with the positive enable (PEN) option, leaving pin 2 open circuit, (or driving it to an equivalent
logic high voltage), will enable the converter output. This allows the module to produce an output voltage
whenever a valid input source voltage is applied to +VI with respect to –VI. If a logic-low signal is then applied to
pin 2 the converter output is disabled. Table 2 gives the input requirements of pin 2 for modules with the PEN
option.
Table 2. On/Off Control Requirements
for Positive Enable
PARAMETER
MIN
TYP
MAX
VIH
Enable
4.5 V
20 V
VIL
Disable
–0.2 V
0.8 V
Vo/c
Open-Circuit
5 V
7 V
II
Pin 2 at –VI
–0.5 mA
Notes:
1. The Remote On/Off control uses –VI (pin 3) as its ground reference. All voltages are with respect to –VI.
2. An open-collector device (preferably a discrete transistor) is recommended. A pull-up resistor is not required.
If one is added the pull-up voltage should not exceed 20 V.
Caution:Do not use a pull-resistor to +VI (pin 1). The remote On/Off control has a maximum input voltage of
20 V. Exceeding this voltage will overstress, and possibly damage, the converter.
3. The Remote On/Off pin may be controlled with devices that have a totem-pole output. This is provided the
output high level voltage (VOH) meets the module's minimum VIH specified in Table 1. If a TTL gate is used,
a pull-up resistor may be required to the logic supply voltage.
4. The converter incorporates an undervoltage lockout (UVLO). The UVLO keeps the converter off until the
input voltage is close to the minimum specified operating voltage. This is regardless of the state of the
Remote On/Off control. Consult the product specification for the UVLO input voltage thresholds.
10
Submit Documentation Feedback


Similar Part No. - PTQA430033N2AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTQA430033N2AD TI-PTQA430033N2AD Datasheet
506Kb / 18P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
More results

Similar Description - PTQA430033N2AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTQA430025_0612 TI-PTQA430025_0612 Datasheet
506Kb / 18P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
PT3401C TI-PT3401C Datasheet
285Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com