Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1996IMS Datasheet(PDF) 4 Page - Linear Technology

Part # LT1996IMS
Description  Precision, 100uA Gain Selectable Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1996IMS Datasheet(HTML) 4 Page - Linear Technology

  LT1996IMS Datasheet HTML 1Page - Linear Technology LT1996IMS Datasheet HTML 2Page - Linear Technology LT1996IMS Datasheet HTML 3Page - Linear Technology LT1996IMS Datasheet HTML 4Page - Linear Technology LT1996IMS Datasheet HTML 5Page - Linear Technology LT1996IMS Datasheet HTML 6Page - Linear Technology LT1996IMS Datasheet HTML 7Page - Linear Technology LT1996IMS Datasheet HTML 8Page - Linear Technology LT1996IMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT1996
4
1996f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
∆R
Resistor Matching (Note 9)
G = 81; LT1996AMS
±0.02
±0.05
%
G = 27; LT1996AMS
±0.03
±0.06
%
G = 9; LT1996AMS
±0.03
±0.07
%
G = 81; LT1996ADD
±0.02
±0.05
%
G = 27; LT1996ADD
±0.02
±0.07
%
G = 9; LT1996ADD
±0.03
±0.08
%
G = 81; LT1996
±0.04
±0.12
%
G = 27; LT1996
±0.04
±0.12
%
G = 9; LT1996
±0.04
±0.12
%
∆R/∆T
Resistor Temperature Coefficient (Note 6)
Resistor Matching
0.3
3
ppm/°C
Absolute Value
–30
ppm/°C
PSRR
Power Supply Rejection Ratio
VS = ±1.35V to ±18V (Note 8)
105
135
dB
Minimum Supply Voltage
2.4
2.7
V
VOUT
Output Voltage Swing (to Either Rail)
No Load
VS = 5V, 0V
40
55
mV
VS = 5V, 0V
65
mV
VS = ±15V
110
mV
1mA Load
VS = 5V, 0V
150
225
mV
VS = 5V, 0V
275
mV
VS = ±15V
300
mV
ISC
Output Short-Circuit Current (Sourcing)
Drive Output Positive;
8
12
mA
Short Output to Ground
4mA
Output Short-Circuit Current (Sinking)
Drive Output Negative;
8
21
mA
Short Output to VS or Midsupply
4mA
BW
–3dB Bandwidth
G = 9
38
kHz
G = 27
17
kHz
G = 81
7
kHz
GBWP
Op Amp Gain Bandwidth Product
f = 10kHz
560
kHz
tr, tf
Rise Time, Fall Time
G = 9; 0.1V Step; 10% to 90%
8
µs
G = 81; 0.1V Step; 10% to 90%
40
µs
tS
Settling Time to 0.01%
G = 9; VS = 5V, 0V; 2V Step
85
µs
G = 9; VS = 5V, 0V; –2V Step
85
µs
G = 9; VS = ±15V; 10V Step
110
µs
G = 9; VS = ±15V; –10V Step
110
µs
SR
Slew Rate
VS = 5V, 0V; VOUT = 1V to 4V
0.06
0.12
V/µs
VS = ±15V; VOUT = ±10V
0.08
0.12
V/µs
IS
Supply Current
VS = 5V, 0V
100
110
µA
150
µA
VS = ±15V
130
160
µA
210
µA
Note 1: Absolute Maximum Ratings are those beyond which the life of the
device may be impaired.
Note 2: The P27/M27 and P81/M81 inputs are protected by ESD diodes to
the supply rails. If one of these four inputs goes outside the rails, the input
current should be limited to less than 10mA. The P9/M9 inputs can
withstand ±60V if P81/M81 are grounded and VS = ±15V (see Applications
Information section about “High Voltage CM Difference Amplifiers”).
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum ratings.
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Difference amplifier configuration, VS = 5V, 0V or ±15V;
VCM = VREF = half supply, unless otherwise noted.
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT1996IMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1996 LINER-LT1996_15 Datasheet
348Kb / 24P
   Precision, 100A Gain Selectable Amplifier
More results

Similar Description - LT1996IMS

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Integrated Syste...
LT1991 LINEAR-LT1991 Datasheet
296Kb / 24P
   Precision, 100UA Gain Selectable Amplifier
logo
TriQuint Semiconductor
TQS5202 TRIQUINT-TQS5202 Datasheet
548Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Vishay Siliconix
IM-10RFCL-12 VISHAY-IM-10RFCL-12 Datasheet
114Kb / 1P
   Precision, 100UA Gain Selectable Amplifier
Revision 02-Nov-01
logo
TriQuint Semiconductor
TQHBT TRIQUINT-TQHBT Datasheet
262Kb / 5P
   Precision, 100UA Gain Selectable Amplifier
TQHIP TRIQUINT-TQHIP Datasheet
119Kb / 4P
   Precision, 100UA Gain Selectable Amplifier
TQPED TRIQUINT-TQPED Datasheet
100Kb / 3P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1991 LINER-LT1991_15 Datasheet
768Kb / 28P
   Precision, 100A Gain Selectable Amplifier
LT1996 LINER-LT1996_15 Datasheet
348Kb / 24P
   Precision, 100A Gain Selectable Amplifier
logo
Analog Devices
LT1997-3 AD-LT1997-3 Datasheet
1Mb / 38P
   Precision, Wide Voltage Range Gain Selectable Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com