Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V14071L15TFI Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 72V14071L15TFI
Description  3.3 VOLT DUAL MULTIMEDIA FIFO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V14071L15TFI Datasheet(HTML) 4 Page - Integrated Device Technology

  72V14071L15TFI Datasheet HTML 1Page - Integrated Device Technology 72V14071L15TFI Datasheet HTML 2Page - Integrated Device Technology 72V14071L15TFI Datasheet HTML 3Page - Integrated Device Technology 72V14071L15TFI Datasheet HTML 4Page - Integrated Device Technology 72V14071L15TFI Datasheet HTML 5Page - Integrated Device Technology 72V14071L15TFI Datasheet HTML 6Page - Integrated Device Technology 72V14071L15TFI Datasheet HTML 7Page - Integrated Device Technology 72V14071L15TFI Datasheet HTML 8Page - Integrated Device Technology 72V14071L15TFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
IDT72V10071/72V11071/72V12071/72V13071/72V14071 3.3V, MULTIMEDIA FIFO
DUAL 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
INDUSTRIALTEMPERATURERANGE
Symbol
Rating
Industrial
Unit
VTERM
Terminal Voltage with
–0.5 to +5
V
Respect to GND
TSTG
StorageTemperature
–55 to +125
°C
IOUT
DC Output Current
–50 to +50
mA
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of the specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
RECOMMENDED OPERATING
CONDITIONS
VCC
Supply Voltage(Industrial)
3.0
3.3
3.6
V
GND
Supply Voltage(Industrial)
0
0
V
VIH
Input High Voltage (Industrial)
2.0
5.0
V
VIL
Input Low Voltage (Industrial)
0.8
V
TA
OperatingTemperature
-40
85
°C
Industrial
IDT72V10071
IDT72V11071
IDT72V12071
IDT72V13071
IDT72V14071
Industrial
tCLK = 15 ns
Symbol
Parameter
Min.
Typ.
Max.
Unit
ILI
(1)
Input Leakage Current (Any Input)
–1
–1
µ A
ILO
(2)
Output Leakage Current
–10
10
µ A
VOH
Output Logic “1” Voltage, IOH = –2 mA
2.4
V
VOL
Output Logic “0” Voltage, IOL = 8 mA
0.4
V
ICC1
(3,4,5)
Active Power Supply Current (both FIFOs)
40
mA
ICC2
(2,6)
Standby Current
10
mA
NOTES:
1. Measurements with 0.4
≤ VIN ≤ VCC.
2.
OEA, OEB
≥ VIH, 0.4 ≤ VOUT ≤ VCC.
3. Tested with outputs disabled (IOUT = 0).
4. RCLK and WCLK toggle at 20 MHz and data inputs switch at 10 MHz.
5. Typical ICC1 = 2[0.17 + 0.48*fS + 0.02*CL*fS] (in mA).
These equations are valid under the following conditions:
VCC = 3.3V, TA = 25°C, fS = WCLK frequency = RCLK frequency (in MHz, using TTL levels), data switching at fS/2, CL = capacitive load (in pF).
6. All Inputs = VCC - 0.2V or GND + 0.2V, except RCLK and WCLK, which toggle at 20 MHz.
DC ELECTRICAL CHARACTERISTICS
(Industrial :VCC = 3.3V ± 0.3V, TA = -40
°C to +85°C)
Symbol
Parameter
Conditions
Max.
Unit
CIN
(2)
Input Capacitance
VIN = 0V
10
pF
COUT
(1,2)
Output Capacitance
VOUT = 0V
10
pF
NOTE:
1. With output deselected (
OEA, OEB
≥ VIH).
2. Characterized values, not currently tested.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min
Typ.
Max
Unit
CAPACITANCE (TA= +25
°C, f = 1.0MHz)
NOTE:
1. Outputs are not 5V tolerant.


Similar Part No. - 72V14071L15TFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
72V01L15JG IDT-72V01L15JG Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
72V01L15JG RENESAS-72V01L15JG Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
72V01L15JG8 IDT-72V01L15JG8 Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
72V01L15JG8 RENESAS-72V01L15JG8 Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
72V01L15JGI IDT-72V01L15JGI Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
More results

Similar Description - 72V14071L15TFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V10081 IDT-IDT72V10081 Datasheet
125Kb / 9P
   3.3 VOLT MULTIMEDIA FIFO
IDT72V81 IDT-IDT72V81_17 Datasheet
100Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_12 Datasheet
290Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V81 RENESAS-IDT72V81 Datasheet
274Kb / 13P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_06 Datasheet
140Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com