Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANSR2N7423U Datasheet(PDF) 7 Page - International Rectifier

Part # JANSR2N7423U
Description  RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

JANSR2N7423U Datasheet(HTML) 7 Page - International Rectifier

  JANSR2N7423U Datasheet HTML 1Page - International Rectifier JANSR2N7423U Datasheet HTML 2Page - International Rectifier JANSR2N7423U Datasheet HTML 3Page - International Rectifier JANSR2N7423U Datasheet HTML 4Page - International Rectifier JANSR2N7423U Datasheet HTML 5Page - International Rectifier JANSR2N7423U Datasheet HTML 6Page - International Rectifier JANSR2N7423U Datasheet HTML 7Page - International Rectifier JANSR2N7423U Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.irf.com
7
Pre-Irradiation
IRHN9250, JANSR2N7423U
Fig12c. MaximumAvalancheEnergy
Vs.DrainCurrent
Fig12b. UnclampedInductiveWaveforms
Fig12a. UnclampedInductiveTestCircuit
tp
V (BR)DSS
I AS
R G
IAS
0.01
t p
D.U .T
L
V DS
VDD
DRIV E R
A
15V
-20V
Fig13a. BasicGateChargeWaveform
QG
QGS
QGD
VG
Charge
-12V
Fig13b. GateChargeTestCircuit
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
-12V
25
50
75
100
125
150
0
200
400
600
800
1000
1200
Starting T , Junction Temperature
( C)
J
°
ID
TOP
BOTTOM
-6.3A
-8.9A
-14A
VGS


Similar Part No. - JANSR2N7423U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANSR2N7423 IRF-JANSR2N7423 Datasheet
133Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (T0-254AA)
More results

Similar Description - JANSR2N7423U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHN7054 IRF-IRHN7054 Datasheet
125Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
IRHN7150 IRF-IRHN7150 Datasheet
284Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
IRHN7250SE IRF-IRHN7250SE Datasheet
127Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
IRHN57250SE IRF-IRHN57250SE Datasheet
176Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
IRHNJ57230 IRF-IRHNJ57230 Datasheet
127Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57130 IRF-IRHNJ57130 Datasheet
130Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNM57110 IRF-IRHNM57110 Datasheet
226Kb / 10P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.2)
IRHNA67260 IRF-IRHNA67260 Datasheet
141Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-2)
IRHNA597260 IRF-IRHNA597260 Datasheet
119Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
IRHNA3160 IRF-IRHNA3160 Datasheet
109Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com