Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV273PW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LV273PW
Description  Octal D-type flip-flop with reset; positive-edge trigger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV273PW Datasheet(HTML) 2 Page - NXP Semiconductors

  74LV273PW Datasheet HTML 1Page - NXP Semiconductors 74LV273PW Datasheet HTML 2Page - NXP Semiconductors 74LV273PW Datasheet HTML 3Page - NXP Semiconductors 74LV273PW Datasheet HTML 4Page - NXP Semiconductors 74LV273PW Datasheet HTML 5Page - NXP Semiconductors 74LV273PW Datasheet HTML 6Page - NXP Semiconductors 74LV273PW Datasheet HTML 7Page - NXP Semiconductors 74LV273PW Datasheet HTML 8Page - NXP Semiconductors 74LV273PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74LV273
Octal D-type flip-flop with reset; positive edge-trigger
2
1998 May 29
853–1965 19466
FEATURES
Wide operating voltage: 1.0 to 5.5V
Optimized for Low Voltage applications: 1.0 to 3.6V
Accepts TTL input levels between V
CC = 2.7V and VCC = 3.6V
Typical V
OLP (output ground bounce) t 0.8V @ VCC = 3.3V,
Tamb = 25°C
Typical V
OHV (output VOH undershoot) u 2V @ VCC = 3.3V,
Tamb = 25°C
Ideal buffer for MOS microprocessor or memory
Common clock and master reset
Output capability: standard
I
CC category: MSI
DESCRIPTION
The 74LV273 is a low-voltage Si-gate CMOS device and is pin and
function compatible with the 74HC/HCT273.
The 74LV273 has eight edge-triggered , D-type flip-flops with
individual D inputs and Q outputs. The common clock (CP) and
master reset (MR) inputs load and reset (clear) all flip-flops
simultaneously. The state of each D input, one set-up time before
the LOW-to-HIGH clock transition, is transferred to the
corresponding output (Qn) of the flip-flop.
All outputs will be forced LOW independently of clock or data inputs
by a LOW voltage level on the MR input.
The device is useful for applications where the true output only is
required and the clock and master reset are common to all storage
elements.
QUICK REFERENCE DATA
GND = 0V; Tamb = 25°C; tr =tf v2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
CP to Qn;
MR to Qn
CL = 15pF
VCC = 3.3V
12
13
ns
fmax
Maximum clock frequency
110
MHz
CI
Input capacitance
3.5
pF
CPD
Power dissipation capacitance per flip-flop
Notes 1 and 2
20
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD
VCC2 x fi )S (CL
VCC2
fo) where:
fi = input frequency in MHz; CL = output load capacitance in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
S (CL
VCC2
fo) = sum of the outputs.
2. The condition is VI = GND to VCC
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
20-Pin Plastic DIL
–40
°C to +125°C
74LV273 N
74LV273 N
SOT146-1
20-Pin Plastic SO
–40
°C to +125°C
74LV273 D
74LV273 D
SOT163-1
20-Pin Plastic SSOP Type II
–40
°C to +125°C
74LV273 DB
74LV273 DB
SOT339-1
20-Pin Plastic TSSOP
–40
°C to +125°C
74LV273 PW
74LV273PW DH
SOT360-1


Similar Part No. - 74LV273PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV27 PHILIPS-74LV27 Datasheet
114Kb / 10P
   Triple 3-input NOR gate
1998 Apr 20
74LV27D PHILIPS-74LV27D Datasheet
114Kb / 10P
   Triple 3-input NOR gate
1998 Apr 20
74LV27DB PHILIPS-74LV27DB Datasheet
114Kb / 10P
   Triple 3-input NOR gate
1998 Apr 20
74LV27N PHILIPS-74LV27N Datasheet
114Kb / 10P
   Triple 3-input NOR gate
1998 Apr 20
74LV27PW PHILIPS-74LV27PW Datasheet
114Kb / 10P
   Triple 3-input NOR gate
1998 Apr 20
More results

Similar Description - 74LV273PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
logo
Nexperia B.V. All right...
74LVC273 NEXPERIA-74LVC273 Datasheet
259Kb / 14P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 8 - 31 August 2021
74HCT273 NEXPERIA-74HCT273 Datasheet
279Kb / 17P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 6 September 2021
logo
NXP Semiconductors
74LVC273 PHILIPS-74LVC273 Datasheet
95Kb / 10P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 20
74HC273D-653 NXP-74HC273D-653 Datasheet
153Kb / 21P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 4-10 June 2013
logo
Nexperia B.V. All right...
74AHC273-Q100 NEXPERIA-74AHC273-Q100 Datasheet
814Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
74HC273-Q100 NEXPERIA-74HC273-Q100 Datasheet
277Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 3 September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com