Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDU8C-5200 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # DDU8C-5200
Description  5-TAP, HCMOS-INTERFACED FIXED DELAY LINE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

DDU8C-5200 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  DDU8C-5200 Datasheet HTML 1Page - Data Delay Devices, Inc. DDU8C-5200 Datasheet HTML 2Page - Data Delay Devices, Inc. DDU8C-5200 Datasheet HTML 3Page - Data Delay Devices, Inc. DDU8C-5200 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DDU8C
Doc #97013
DATA DELAY DEVICES, INC.
1
1/28/97
3 Mt. Prospect Ave. Clifton, NJ 07013
5-TAP, HCMOS-INTERFACED
FIXED DELAY LINE
(SERIES DDU8C)
FEATURES
PACKAGES
Five equally spaced outputs
Fits standard 8-pin DIP socket
Low profile
Auto-insertable
Input & outputs fully CMOS interfaced & buffered
10 T
2L fan-out capability
FUNCTIONAL DESCRIPTION
The DDU8C-series device is a 5-tap digitally buffered delay line. The
signal input (IN) is reproduced at the outputs (T1-T5), shifted in time by an
amount determined by the device dash number (See Table). The total
delay of the line is measured from IN to T5. The nominal tap-to-tap delay
increment is given by one-fifth of the total delay.
SERIES SPECIFICATIONS
Minimum input pulse width: 40% of total delay
Output rise time: 8ns typical
Supply voltage:
5VDC
± 5%
Supply current:
ICCL = 40
µa typical
ICCH = 10ma typical
Operating temperature: 0
° to 70° C
Temp. coefficient of total delay: 300 PPM/
°C
20%
20%
20%
20%
20%
VDD
GND
IN
T1
T2
T3
T4
T5
DDU8C Functional diagram
©
©1997 Data Delay Devices
data
delay
devices, inc.
®
®
3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
IN
N/C
N/C
T2
N/C
T4
GND
VDD
N/C
T1
N/C
T3
N/C
T5
8
7
6
5
1
2
3
4
IN
T2
T4
GND
VDD
T1
T3
T5
DDU8C-xx
DIP
DDU8C-xxA1 Gull-Wing
DDU8C-xxB1 J-Lead
DDU8C-xxM Military DIP
Military SMD
DDU8C-xxMD1
DDU8C-xxMD4
PIN DESCRIPTIONS
IN
Signal Input
T1-T5 Tap Outputs
VDD
+5 Volts
GND
Ground
DASH NUMBER SPECIFICATIONS
Part
Number
Total
Delay (ns)
Delay Per
Tap (ns)
DDU8C-5050
50
± 2.5
10.0
± 3.0
DDU8C-5060
60
± 3.0
12.0
± 3.0
DDU8C-5075
75
± 4.0
15.0
± 3.0
DDU8C-5100
100
± 5.0
20.0
± 3.0
DDU8C-5125
125
± 6.5
25.0
± 3.0
DDU8C-5150
150
± 7.5
30.0
± 3.0
DDU8C-5175
175
± 8.0
35.0
± 4.0
DDU8C-5200
200
± 10.0
40.0
± 4.0
DDU8C-5250
250
± 12.5
50.0
± 5.0
NOTE: Any dash number between 5004 and 5250
not shown is also available.


Similar Part No. - DDU8C-5200

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU8C3 DATADELAY-DDU8C3 Datasheet
45Kb / 4P
   5-TAP, 3.3V CMOS-INTERFACED FIXED DELAY LINE
DDU8C3-5004 DATADELAY-DDU8C3-5004 Datasheet
45Kb / 4P
   5-TAP, 3.3V CMOS-INTERFACED FIXED DELAY LINE
DDU8C3-5006 DATADELAY-DDU8C3-5006 Datasheet
45Kb / 4P
   5-TAP, 3.3V CMOS-INTERFACED FIXED DELAY LINE
DDU8C3-5008 DATADELAY-DDU8C3-5008 Datasheet
45Kb / 4P
   5-TAP, 3.3V CMOS-INTERFACED FIXED DELAY LINE
DDU8C3-5010 DATADELAY-DDU8C3-5010 Datasheet
45Kb / 4P
   5-TAP, 3.3V CMOS-INTERFACED FIXED DELAY LINE
More results

Similar Description - DDU8C-5200

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU222C DATADELAY-DDU222C Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU222C)
SMD99C DATADELAY-SMD99C Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES SMD99C)
DDU4C DATADELAY-DDU4C Datasheet
55Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU4C)
DDU66C DATADELAY-DDU66C Datasheet
236Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU66C)
SMD99F DATADELAY-SMD99F Datasheet
43Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU8F DATADELAY-DDU8F Datasheet
54Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU12H DATADELAY-DDU12H_06 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
DDU8C3 DATADELAY-DDU8C3 Datasheet
45Kb / 4P
   5-TAP, 3.3V CMOS-INTERFACED FIXED DELAY LINE
MDU28C DATADELAY-MDU28C Datasheet
47Kb / 4P
   DUAL, HCMOS-INTERFACED FIXED DELAY LINE
DDU18 DATADELAY-DDU18 Datasheet
222Kb / 4P
   8-TAP, ECL-INTERFACED FIXED DELAY LINE FIXED DELAY LINE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com