Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQW454AX Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # AQW454AX
Description  HE (High-function Economy) Type [2-Channel (Form B) Type]
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQW454AX Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  AQW454AX Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQW454AX Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQW454AX Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AQW454
173
4. Reverse (ON) time vs. ambient temperature
characteristics
LED current: 5 mA; Load voltage: 400 V (DC);
Continuous load current: 120 mA (DC)
5. LED operate (OFF) current vs. ambient tem-
perature characteristics
Load voltage: 400 V (DC);
Continuous load current: 120 mA (DC)
6. LED reverse (ON) current vs. ambient tem-
perature characteristics
Load voltage: 400 V (DC);
Continuous load current: 120 mA (DC)
0
0.5
1.0
1.5
2.5
–40
0
–20
20
40
60
8085
2.0
Ambient temperature,
°C
0
1
2
3
–40
5
0
–20
20
40
60
8085
4
Ambient temperature,
°C
0
1
2
3
–40
5
0
–20
20
40
60
8085
4
Ambient temperature,
°C
7. LED dropout voltage vs. ambient tempera-
ture characteristics
LED current: 5 to 50 mA
8. Voltage vs. current characteristics of output
at MOS portion
Measured portion: between terminals 5 and 6,
7 and 8; Ambient temperature: 25
°C 77°F
9. Off state leakage current
Measured portion: between terminals 5 and 6,
7 and 8; Ambient temperature: 25
°C 77°F
0
1.0
1.1
1.2
1.3
–40
0
–20
20
40
60
8085
1.4
50mA
30mA
20mA
10mA
5mA
Ambient temperature,
°C
3
2
1
0
–3
–2
–1
150
100
50
–150
–100
–50
Voltage, V
0
100
10
–3
10
–6
10
–9
10
–12
20
40
60
80
Load voltage, V
10. LED forward current vs. operate (OFF) time
characteristics
Measured portion: between terminals 5 and 6, 7 and
8; Load voltage: 400 V (DC); Continuous load current:
120 mA (DC); Ambient temperature: 25
°C 77°F
11. LED forward current vs. reverse (ON) time
characteristics
Measured portion: between terminals 5 and 6, 7 and
8; Load voltage: 400 V (DC); Continuous load current:
120 mA (DC); Ambient temperature: 25
°C 77°F
12. Applied voltage vs. output capacitance
characteristics
Measured portion: between terminals 5 and 6, 7 and
8; Frequency: 1 MHz;
Ambient temperature: 25
°C 77°F
0
1
2
3
4
5
10
20
30
40
50
60
0
LED forward current, mA
0
0.2
0.4
0.6
1.0
0.8
10
20
30
40
50
60
0
LED forward current, mA
0
200
10
20
30
40
50
60
0
100
Applied voltage, V
5/7/2001
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Similar Part No. - AQW454AX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQW45 PANASONIC-AQW45 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
logo
List of Unclassifed Man...
AQW45 ETC2-AQW45 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQW45 ETC2-AQW45 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQW45 ETC2-AQW45 Datasheet
171Kb / 3P
   PhotoMOS Relay Dimensions
AQW45 ETC-AQW45 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
More results

Similar Description - AQW454AX

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQV453 NAIS-AQV453 Datasheet
56Kb / 3P
   HE (High-function Economy) Type 1- Channel (Form B) Type
AQV251 NAIS-AQV251 Datasheet
56Kb / 4P
   HE (High-function Economy) Type [1-Channel (Form A) Type]
AQW614 NAIS-AQW614 Datasheet
55Kb / 3P
   GU (General Use) Type [2-Channel (Form A Form B) Type]
logo
Panasonic Semiconductor
AQW414EH PANASONIC-AQW414EH Datasheet
75Kb / 3P
   General use and economy type. DIP (2 Form B) 8-pin type. Reinforced insulation 5,000V type.
logo
List of Unclassifed Man...
AQW414 ETC-AQW414 Datasheet
39Kb / 2P
   GU (General Use) Type [2-Channel (Form B) Type]
logo
Nais(Matsushita Electri...
AQV101 NAIS-AQV101 Datasheet
60Kb / 5P
   HF (High Function) Type [1-Channel (Form A) Type]
AQW210HL NAIS-AQW210HL Datasheet
46Kb / 3P
   GU (General Use) Type 2-Channel (Form A) Current Limit Function Type
logo
List of Unclassifed Man...
AQZ404 ETC-AQZ404 Datasheet
73Kb / 4P
   POWER PhotoMOS RELAYS 1-channel(Form B)Type
logo
Nais(Matsushita Electri...
AQW212 NAIS-AQW212 Datasheet
46Kb / 3P
   GU (General Use) Type [2-Channel (Form A) Type]
AQW210EH NAIS-AQW210EH Datasheet
50Kb / 3P
   GU (General Use)-E Type 2-Channel (Form A) Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com