Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT71BS10DC18V0.45 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NT71BS10DC18V0.45
Description  Superminiature, low coil power consumption.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT71BS10DC18V0.45 Datasheet(HTML) 2 Page - DB Lectro Inc

  NT71BS10DC18V0.45 Datasheet HTML 1Page - DB Lectro Inc NT71BS10DC18V0.45 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation condition
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between
contact and coil
50Hz 750V
50Hz 1500V
Item 6
of IEC255-5
Item 6
of IEC255-5
Shock resistance
100m/s
2
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~50Hz
amplitude
0.35mm
IEC68-2-6
Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
’x2’
3
x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~70
’
Relative Humidity
85% (at 40
’)
IEC68-2-3Test Ca
Mass
11g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Safety approvals
Safety approval
UL
CCEE
Load
10A
f15A/120VAC 28VDC
6A/250VAC
Dimensions (Unit: mm)
Reference Data
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
NT71(N4123)
Wiring diagram
(Bottom views)
mm
inch
0.3
0.012
0.4
0.016
0.5
0.020
1.0
0.039
1.3
0.051
2.0
0.079
3.5
0.138
4.5
0.177
6.0
0.236
12
0.472
12.2
0.480
16.5
0.650
22.5
0.886
Mounting (Bottom views)
Dimensions
www.dblectro.com


Similar Part No. - NT71BS10DC18V0.45

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT71BS10DC12V DBLECTRO-NT71BS10DC12V Datasheet
520Kb / 2P
   Suitable for household electrical appliances, automation system, instrument and meter
More results

Similar Description - NT71BS10DC18V0.45

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT73 DBLECTRO-NT73 Datasheet
314Kb / 2P
   Superminiature, High power. / Low coil power consumption.
logo
CIT Relay & Switch
J118 CIT-J118 Datasheet
113Kb / 2P
   Low coil power consumption
logo
HuaXinAn Electronics CO...
JRC-23F HUAXINAN-JRC-23F Datasheet
305Kb / 1P
   Low coil power consumption.
logo
DB Lectro Inc
N4100 DBLECTRO-N4100 Datasheet
298Kb / 2P
   Low coil power consumption.
NT73-2 DBLECTRO-NT73-2_07 Datasheet
575Kb / 2P
   Low coil power consumption
NT73-3L DBLECTRO-NT73-3L Datasheet
437Kb / 2P
   Low coil power consumption
logo
HuaXinAn Electronics CO...
4117-22A HUAXINAN-4117-22A Datasheet
919Kb / 1P
   Low coil power consumption
logo
CIT Relay & Switch
J103 CIT-J103 Datasheet
112Kb / 3P
   Low coil power consumption
A61CS12VDC.9 CIT-A61CS12VDC.9 Datasheet
111Kb / 2P
   Low coil power consumption
logo
DB Lectro Inc
NT73 DBLECTRO-NT73_05 Datasheet
522Kb / 2P
   Low coil power consumption
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com